Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 82 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 82 Page - ams AG

Back Button AS3911B Datasheet HTML 78Page - ams AG AS3911B Datasheet HTML 79Page - ams AG AS3911B Datasheet HTML 80Page - ams AG AS3911B Datasheet HTML 81Page - ams AG AS3911B Datasheet HTML 82Page - ams AG AS3911B Datasheet HTML 83Page - ams AG AS3911B Datasheet HTML 84Page - ams AG AS3911B Datasheet HTML 85Page - ams AG AS3911B Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 155 page
background image
AS3911B – 82
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Mask Receive Timer Register
Figure 64:
Mask Receive Timer Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
2. In NFCIP-1 bit rate detection mode, the clock of the Mask Receive timer is additionally divided by eight (one count is 512/fc) to cover
range up to ~9.6 ms.
No-response Timer Register 1
Figure 65:
No-response Timer Register 1
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
Address 0Eh: Mask Receive Timer Register
Type: RW
Bit
Name
Default
Function
Comments
7mrt7
0
Defined in steps of 64/fc (4.72 μs).
Range from 256/fc (~18.88 μs) to
16320/fc (~1.2 ms)
Timeout = mrt<7:0> * 64/fc
Timeout (0 ≤ mrt<7:0> ≤ 4) = 4 *
64/fc (18.88 μs)
In NFCIP-1 bit rate detection mode
one step is 512/fc (37.78 μs)
Defines time after end of Tx during
which receiver output is masked
(ignored).
For the case of ISO14443A 106 kbit/s
the Mask Receive Timer is defined
according to PCD to PICC frame delay
time definition, where mrt<7:0>
define number of n/2 steps.
Minimum mask receive time of 18.88
μs covers the transients in receiver
after end of transmission.
6mrt6
0
5mrt5
0
4mrt4
0
3mrt3
1
2mrt2
0
1mrt1
0
0mrt0
0
Address 0Fh: No-response Timer Register 1
Type: RW
Bit
Name
Default
Function
Comments
7nrt15
0
No-response Timer definition MSB
bits
Defined in steps of 64/fc (4.72 μs).
Range from 0 to 309 ms
In case bit nrt_step in General
Purpose and No-response Timer
Control Register is set the step is
changed to 4096/fc
Defines timeout after end of Tx.
In case this timeout expires
without detecting a response a
No-response interrupt is sent.
In NFC mode the NO response
timer is started only when
external field is detected
All 0: No-response timer is not
started.
No-response timer is reset and
restarted with Start
No-response Timer direct
command.
6nrt14
0
5nrt13
0
4nrt12
0
3nrt11
0
2nrt10
0
1nrt9
0
0nrt8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com