Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 20 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 20 Page - ams AG

Back Button AS3911B Datasheet HTML 16Page - ams AG AS3911B Datasheet HTML 17Page - ams AG AS3911B Datasheet HTML 18Page - ams AG AS3911B Datasheet HTML 19Page - ams AG AS3911B Datasheet HTML 20Page - ams AG AS3911B Datasheet HTML 21Page - ams AG AS3911B Datasheet HTML 22Page - ams AG AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 155 page
background image
AS3911B – 20
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Figure 12:
Receiver Block Diagram
Filtering and Gain Stages
The receiver chain has band pass filtering characteristics.
Filtering is optimized to pass sub-carrier frequencies while
rejecting carrier frequency and low frequency noise and DC
component. Filtering and gain is implemented in three stages
where the first and the last stage have the first order high pass
characteristics, while the mid stage has second order low pass
characteristic.
Gain and filtering characteristics can be optimized for current
application by writing the Receiver Configuration Register 1
(filtering), Receiver Configuration Register 3 (gain in first stage)
and Receiver Configuration Register 4 (gain in second and third
stage).
Gain of first stage is about 20dB and can be reduced in six 2.5
dB steps. There is also a special boost mode available, which
boosts the maximum gain for additional 5.5 dB. In case of VHBR
(fc/8 and fc/4) the gain is lower. The first stage gain can only be
modified by writing Receiver Configuration Register 3. The
default setting of this register is the minimum gain. Default first
stage zero is located at 60 kHz, it can also be lowered to 40kHz
or 12 kHz by writing option bits in the Receiver Configuration
Register 1. The control of the first and third stage zeros is done
with common control bits (see Figure 14).
digital
sub-carrier
AM
Demodulator
Mixer
Peak Detector
AGC
Squelch
RSSI
rec4<7:4>
AGC
Squelch
RSSI
rec4<3:0>
rec3<7:5>
rec3<4:2>
rec3<2:0>
rec1<5:3>
digital
sub-carrier
AC coupling
+ 1st gain stage
Low-pass
+ 2nd gain stage
High-pass
+ 3rd gain stage
Digitizing
stage
Demodulation
stage
M
U
X
PM
Demodulator
Mixer
rec1<7:6>
rec2<6:5>
RF_IN1
RF_IN2
RSSI_AM<3:0>
RSSI_PM<3:0>
RX_on
sg_on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com