Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 34 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 34 Page - ams AG

Back Button AS3911B Datasheet HTML 30Page - ams AG AS3911B Datasheet HTML 31Page - ams AG AS3911B Datasheet HTML 32Page - ams AG AS3911B Datasheet HTML 33Page - ams AG AS3911B Datasheet HTML 34Page - ams AG AS3911B Datasheet HTML 35Page - ams AG AS3911B Datasheet HTML 36Page - ams AG AS3911B Datasheet HTML 37Page - ams AG AS3911B Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 155 page
background image
AS3911B – 34
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
External field Detector
The External Field Detector is used to detect the presence of an
external device generating an RF field. It is automatically
switched on in NFCIP-1 active communication modes; it can
also be used in other modes. The External Field Detector
supports two different detection thresholds, Peer Detection
Threshold and Collision Avoidance Threshold. The two
thresholds can be independently set by writing the External
Field Detector Threshold Register. The actual state of the
External Field Detector output can be checked by reading the
Auxiliary Display Register. Input to this block is the signal from
the RFI1 pin.
Peer Detection Threshold
This threshold is used to detect the field emitted by peer NFC
device with which NFC communication is going on (initiator
field in case the AS3911B is a target and the opposite, target
field in case the AS3911B is an initiator). It can be selected in
the range from 75 mVpp to 800 mVpp. When this threshold is
enabled the External Field Detector is in low power mode. An
interrupt is generated when an external field is detected and
also when it is switched off. With such implementation it can
also be used to detect the moment when the external field
disappears. This is useful to detect the moment when the peer
NFC device (it can be either an initiator or a target) has stopped
emitting an RF field.
The External Field Detector is automatically enabled in the low
power Peer Detection mode when NFCIP-1 mode (initiator or
target) is selected in the Bit Rate Definition Register.
Additionally it can be enabled by setting bit en_fd in the
Auxiliary Definition Register.
Collision Avoidance Threshold
This threshold is used during the RF Collision Avoidance
sequence which is executed by sending NFC Field ON
commands (see “NFC Field ON Commands” on page 53). It can
be selected in the range from 25 mVpp to 800 mVpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com