Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 29 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 29 Page - ams AG

Back Button AS3911B Datasheet HTML 25Page - ams AG AS3911B Datasheet HTML 26Page - ams AG AS3911B Datasheet HTML 27Page - ams AG AS3911B Datasheet HTML 28Page - ams AG AS3911B Datasheet HTML 29Page - ams AG AS3911B Datasheet HTML 30Page - ams AG AS3911B Datasheet HTML 31Page - ams AG AS3911B Datasheet HTML 32Page - ams AG AS3911B Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 29
Appl icatio n I n f o rm a t i o n
Quartz Crystal Oscillator
The quartz crystal oscillator can operate with 13.56 MHz and
27.12 MHz crystals. The operation of quartz crystal oscillator is
enabled when the Operation Control Register bit en is set to
one. An interrupt is sent to inform the microcontroller when the
oscillator frequency is stable (see Main Interrupt Register).
The status of oscillator can be observed by observing the
Auxiliary Display Register bit osc_ok. This bit is set to ‘1’ when
oscillator frequency is stable.
The oscillator is based on an inverter stage supplied by
controlled current source. A feedback loop is controlling the
bias current in order to regulate amplitude on XTI pin to 1 Vpp.
This feedback assures reliable operation even in case of low
quality crystals with Rs up to 50 Ω.In order to enable a fast reader
start-up an interrupt is sent when oscillator amplitude exceeds
750 mVpp.
Division by two assures that 13.56 MHz signal has a duty cycle
of 50% which is better for the Transmitter performance (no PW
distortion). Use of 27.12 MHz crystal is therefore recommended
for better performance.
In case of 13.56 MHz crystal, the bias current of stage which is
digitizing oscillator signal is increased to assure as low PW
distortion as possible.
Please note that in case of VHBR reception (bit rates fc/8 and
above) it is mandatory to use the 27.12 MHz crystal since high
frequency clock is needed for receive framing.
The oscillator output is also used to drive a clock signal output
pin MCU_CLK), which can be used by the external
microcontroller. The MCU_CLK pin is configured in the IO
Configuration Register 2.
Timers
The AS3911B contains several timers which eliminate the need
to run counters in the controller, thus reducing the effort of the
controller code implementation and improve portability of
code to different controllers.
Every timer has one or more associated configuration registers
in which the timeout duration and different operating modes
are defined. These configuration registers have to be set while
the corresponding timer is not running. Any modification of
timer configuration while the timer is active may result in
unpredictable behavior.
All timers except the Wake-up timer are stopped by direct
command Clear.
Exception: In case bit nrt_emv in the General Purpose and
No-response Timer Control Register is set to one, the
No-response timer is not stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com