Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 75 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 75 Page - ams AG

Back Button AS3911B Datasheet HTML 71Page - ams AG AS3911B Datasheet HTML 72Page - ams AG AS3911B Datasheet HTML 73Page - ams AG AS3911B Datasheet HTML 74Page - ams AG AS3911B Datasheet HTML 75Page - ams AG AS3911B Datasheet HTML 76Page - ams AG AS3911B Datasheet HTML 77Page - ams AG AS3911B Datasheet HTML 78Page - ams AG AS3911B Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 75
Appl icatio n I n f o rm a t i o n
Stream Mode Definition Register
Figure 56:
Stream Mode Definition Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
Figure 57:
Sub-carrier Frequency Definition for Sub-carrier and BPSK Stream Mode
Address 08h: Stream Mode Definition Register
Type: RW
Bit
Name
Default
Function
Comments
70
6scf1
0
Refer to Sub-carrier Frequency
Definition for Sub-carrier and
BPSK Stream Mode
Sub-carrier frequency definition
for Sub-carrier and BPSK stream
mode
5scf0
0
4scp1
0
scp1
scp0
number of
pulses
Number of sub-carrier pulses in
report period for Sub-carrier and
BPSK stream mode
00
1 (BPSK only)
01
2
3scp0
0
1
0
4
11
8
2stx2
0
Refer to Definition of Time
Period for Stream Mode Tx
Modulator Control
Definition of time period for Tx
modulator control (for
Sub-carrier and BPSK stream
mode)
1stx1
0
0stx0
Sub-carrier Frequency Definition for Sub-carrier and BPSK Stream Mode
scf1
scf0
Sub-carrier Mode
BPSK Mode
0
0
fc/64 (212 kHz)
fc/16 (848 kHz)
0
1
fc/32 (424 kHz)
fc/8 (1695 kHz)
1
0
fc/16 (848 kHz)
fc/4 (3390 kHz)
11
fc/8 (1695 kHz)
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com