Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 62 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 62 Page - ams AG

Back Button AS3911B Datasheet HTML 58Page - ams AG AS3911B Datasheet HTML 59Page - ams AG AS3911B Datasheet HTML 60Page - ams AG AS3911B Datasheet HTML 61Page - ams AG AS3911B Datasheet HTML 62Page - ams AG AS3911B Datasheet HTML 63Page - ams AG AS3911B Datasheet HTML 64Page - ams AG AS3911B Datasheet HTML 65Page - ams AG AS3911B Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 155 page
background image
AS3911B – 62
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Registers
The 6-bit register addresses below are defined in the
hexadecimal notation. The possible address range is from 00h
to 3Fh.
There are two types of registers implemented in the AS3911B:
configuration registers and display registers. The configuration
registers are used to configure the AS3911B. They can be
written and read through the SPI (RW). The display registers are
read only (RO); they contain information about the AS3911B
internal state.
Registries are set to their default state at power-up and after
sending direct command Set Default. The only exceptions are
the IO Configuration Register 1 and the IO Configuration
Register 2 which are only set to default state at power-up.
Configuration bits of these two registries are related to
hardware configuration which is in most cases not going to
change during the operation.
Figure 42:
Register Description
1
0
0
1
DO
Channel selection
from logic
DO
Collision avoidance
detector output
Collision
avoidance
detectors are
enabled
1
0
1
0
DO
Digital TX
modulation signal
DO
Select PM
Analog part
of channel
selection
Address[hex]
Content
Comment
Type
IO Configuration Registers
00
IO Configuration Register 1
Set to default state only at
power-up
RW
01
IO Configuration Register 2
RW
Operation Control and Mode Definition Registers
02
Operation Control Register
Set to default state only at
power-up
RW
03
Mode Definition Register
04
Bit Rate Definition Register
RW
Tana_
Pin CSI
Pin CSO
3
2
1
0
Pin
Type
Functionality
Pin
Type
Functionality
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com