Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 74 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 74 Page - ams AG

Back Button AS3911B Datasheet HTML 70Page - ams AG AS3911B Datasheet HTML 71Page - ams AG AS3911B Datasheet HTML 72Page - ams AG AS3911B Datasheet HTML 73Page - ams AG AS3911B Datasheet HTML 74Page - ams AG AS3911B Datasheet HTML 75Page - ams AG AS3911B Datasheet HTML 76Page - ams AG AS3911B Datasheet HTML 77Page - ams AG AS3911B Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 155 page
background image
AS3911B – 74
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
ISO14443B and FeliCa Settings Register
Figure 54:
ISO14443B and FeliCa Settings Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
2. Detection of EOF requires larger tolerance range for bit rates with only one sub-carrier frequency period per bit (fc/16 and higher).
Due to this it is not possible to distinguish between EOF with 11 and 12 etu and setting this bit has no impact on EOF detection.
Figure 55:
Minimum TR1 Codings
Note(s) and/or Footnote(s):
1. TR1 is defined in number of sub-carrier cycles, therefore at VHBR the absolute time becomes shorter.
Address 07h: ISO14443B and FeliCa Settings Register
Type: RW
Bit
Name
Default
Function
Comments
7
tr1_1
0
Refer to Minimum TR1
Coding
6
tr1_0
0
5no_sof
0
1: No SOF PICC to PCD
According to ISO14443-3 chapter
7.10.3.3
Support of B’
4no_eof
0
1: No EOF PICC to PCD
According to ISO14443-3 chapter
7.10.3.3
3eof_12
0
0: PICC EOF 10 to 11 etu
1: PICC EOF 10 to 12 etu
Support of B’ (2)
2phc_th
0
1: Increased tolerance of
phase change detection
1f_p1
0
00: 48
01: 64
10: 80
11: 96
FeliCa preamble length (valid
also for NFCIP-1 active
communication bit rates 242 and
484 kb/s)
0f_p0
0
Minimum TR1 Coding
tr1_1
tr1_0
Minimum TR1 for a PICC to PCD Bit Rate
fc / 128
> fc / 128
0
0
80 / fs
80 / fs
0
1
64 / fs
32 / fs
1
0
Not used
Not used
1
1
Not used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com