Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 26 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 26 Page - ams AG

Back Button AS3911B Datasheet HTML 22Page - ams AG AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG AS3911B Datasheet HTML 25Page - ams AG AS3911B Datasheet HTML 26Page - ams AG AS3911B Datasheet HTML 27Page - ams AG AS3911B Datasheet HTML 28Page - ams AG AS3911B Datasheet HTML 29Page - ams AG AS3911B Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 155 page
background image
AS3911B – 26
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Any conductive object (human hand or tag's antenna windings)
approaching the two electrodes changes the capacitance
between the excitation and sensing electrode as it 'shortens'
the distance between the two by providing conductance on the
part of the path between the two electrodes.
Capacitance measurement is started by sending direct
command Measure Capacitance. The AS3911B can also be
configured to periodically wake-up and perform the
capacitance measurement. The result is compared to a stored
reference or to an average of previous measurements and in
case the difference is greater than a predefined value an IRQ is
triggered to wake-up the controller (see also Wake-up Mode).
Capacitor sensor gain can be adjusted by setting in Capacitive
Sensor Control Register. Default gain is 2.8 V/pF typ., maximum
gain is 6.5 V/pF typ. Since LSB of AD converter corresponds to
approximately 7.8mV, the default gain results in sensitivity of
2.8 fF/LSB (1.2 fF/LSB maximum).
Capacitance measurement duration is 200 μs, current
consumption during measurement is 1.1 mA typ. In case
capacitive measurement is performed every 100 ms in Wake-up
mode the resulting typical average consumption is 5.8 μA (3.6
μA is standby consumption in Wake-up mode).
Capacitor Sensor Calibration
Capacitor sensor comprises calibration unit internally
compensates the parasitic capacitances between CSI and CSO,
thus leaving full measurement range for information about
capacitance variation. 5 bits are used to control the calibration,
minimum calibration step is 0.1pF, calibration range is 3.1 pF.
Calibration can be done manually by writing Capacitive Sensor
Control Register or automatically by sending direct command
Calibrate Capacitive Sensor. The status of Calibrate Capacitive
Sensor command and resulting calibration value are stored in
the Capacitive Sensor Display Register.
In order to avoid interference of Capacitive Sensor with Xtal
oscillator and reader magnetic field and to assure repetitive
results it is strongly recommended to perform capacitance
measurement and calibration in Power-down mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com