Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 44 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 44 Page - ams AG

Back Button AS3911B Datasheet HTML 40Page - ams AG AS3911B Datasheet HTML 41Page - ams AG AS3911B Datasheet HTML 42Page - ams AG AS3911B Datasheet HTML 43Page - ams AG AS3911B Datasheet HTML 44Page - ams AG AS3911B Datasheet HTML 45Page - ams AG AS3911B Datasheet HTML 46Page - ams AG AS3911B Datasheet HTML 47Page - ams AG AS3911B Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 155 page
background image
AS3911B – 44
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Direct Command Mode
Direct Command Mode has no arguments, so a single byte is
sent. SPI operation mode bits 11 indicate Direct Command
Mode. The following six bits define command code, sent MSB
to the LSB. The command is executed on falling edge of last
clock.
While execution of some Direct Commands is immediate, there
are others which start a process of certain duration (calibration,
measurement…). During execution of such commands it is not
allowed to start another activity over the SPI interface. After
execution of such a command is terminated an IRQ is sent.
Figure 29:
SPI Communication: Direct Command
Direct Command Chaining
Direct commands with immediate execution can be followed
by another SPI mode (Read, Write or FIFO) without deactivating
/SS signal in between.
Figure 30:
Direct Command Chaining
1
1
C5
C4
C3
C2
C1
C0
X
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
/SS rising edge
signals start of
command
execution
Two leading
ONE indicate
COMMAND
Mode
/SS
SCLK
MOSI
/SS
Direct Command
Read, Write or FIFO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com