Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 38 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 38 Page - ams AG

Back Button AS3911B Datasheet HTML 34Page - ams AG AS3911B Datasheet HTML 35Page - ams AG AS3911B Datasheet HTML 36Page - ams AG AS3911B Datasheet HTML 37Page - ams AG AS3911B Datasheet HTML 38Page - ams AG AS3911B Datasheet HTML 39Page - ams AG AS3911B Datasheet HTML 40Page - ams AG AS3911B Datasheet HTML 41Page - ams AG AS3911B Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 155 page
background image
AS3911B – 38
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
VSP_A and VSP_D Regulators
VSP_A and VSP_D regulators are used to supply the AS3911B
analog and digital blocks respectively. In 3.3 V mode, VSP_A and
VSP_D regulator are set to the same regulated voltage as the
VSP_RF regulator, in 5 V mode VSP_A and VSP_D regulated
voltage is fixed to 3.4 V.
The use of VSP_A and VSP_D regulators is obligatory in 5 V mode
since analog and digital blocks supplied with these two pins
contain low voltage transistors which support maximum supply
voltage of 3.6 V. In 3.3 supply mode the use of regulators is
strongly recommended in order to improve PSRR of analog
processing.
For low cost applications it is possible to disable the VSP_D
regulator and to supply digital blocks through external short
between VSP_A and VSP_D (configuration bit vspd_off in the IO
Configuration Register 2. In case VSD_D regulator is disabled
VSP_D can alternatively be supplied from VDD (in 3.3 V mode
only) in case VSP_A is not more than 300 mV lower than VDD.
Power-down Support Block
In the Power-down mode the regulators are disabled in order
to save current. In this mode a low power Power-down Support
block which maintains the VSP_D and VSP_A in below 3.6 V is
enabled. Typical regulated voltage in this mode is 3.1 V at 5 V
supply and 2.2 V at 3 V supply. When 3.3 V supply mode is set
the Power-down Support block is disabled, its output is
connected to VDD through 1 kΩ resistor.
Typical consumption of Power-down Support block is 600 nA
at 5 V supply.
Measurement of Supply Voltages
Using direct command Measure Power Supply it is possible to
measure VDD and regulated voltages VSP_A, VSP_D, and
VSP_RF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com