Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 55 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 55 Page - ams AG

Back Button AS3911B Datasheet HTML 51Page - ams AG AS3911B Datasheet HTML 52Page - ams AG AS3911B Datasheet HTML 53Page - ams AG AS3911B Datasheet HTML 54Page - ams AG AS3911B Datasheet HTML 55Page - ams AG AS3911B Datasheet HTML 56Page - ams AG AS3911B Datasheet HTML 57Page - ams AG AS3911B Datasheet HTML 58Page - ams AG AS3911B Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 55
Appl icatio n I n f o rm a t i o n
Figure 39:
Register Preset Bits
Bit
Bit Name
Function
Address 02h: Operation Control Register
5rx_chn
1: one channel enabled
→ NFCIP-1 active communication (both initiator and target)
3tx_en
0: disable TX operation
→ NFCIP-1 active communication (both initiator and target)
Note: In case of any target mode or NFCIP-1 initiator mode bit tx_en is set to 0 to disable transmitter in case it
was enabled. In NFCIP-1 mode the switching on of the transmitter field is controlled by dedicated commands.
Address 05h: ISO14443A and NFC 106kb/s Settings Register
5
nfc_f0
1: Add SB (F0) and LEN byte during Tx and skip SB (F0) byte during TX
→ NFCIP-1 active
communication (both initiator and target)
Address 09h: Auxiliary Definition Register
5tr_am
Tx Modulation type (depends on mode definition and Tx bit rate)
0: OOK
→ ISO144443A, NFCIP-1 106 kb/s (both initiator and target), NFC Forum Type 1
Tag
1: AM
→ ISO144443B, FeliCa, NFCIP-1 212 kb/s and 424 kb/s
4en_fd
Enable External Field Detector with Peer Detection threshold
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Address 0Ah: Receiver Configuration Register 1
7ch_sel
0: Enable AM channel
→ NFCIP-1 active communication (both initiator and target)
6amd_sel
AM demodulator select (depend on Rx bit rate)
0: Peak detector
→ All Rx bit rates equal or below fc/16 (848 kb/s)
1: Mixer
→ All VHBR Rx bit rates (fc/8 and fc/4)
5lp2
Low pass control (depends on mode definition and Rx bit rate)
(see Figure 15)
4lp1
3lp0
2h200
First and third stage zero setting (depends on mode definition and Rx bit rate)
(see Figure 15)
1h80
0z12k
Address 0Ch: Receiver Configuration Register 3
1lim
Clip output of 1st and 2nd stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
0rg_nfc
Forces gain reduction in 2nd and 3rd gain stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com