Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 35 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 35 Page - ams AG

Back Button AS3911B Datasheet HTML 31Page - ams AG AS3911B Datasheet HTML 32Page - ams AG AS3911B Datasheet HTML 33Page - ams AG AS3911B Datasheet HTML 34Page - ams AG AS3911B Datasheet HTML 35Page - ams AG AS3911B Datasheet HTML 36Page - ams AG AS3911B Datasheet HTML 37Page - ams AG AS3911B Datasheet HTML 38Page - ams AG AS3911B Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 35
Appl icatio n I n f o rm a t i o n
Power Supply System
The AS3911B features two positive supply pins, VDD and VDD_IO.
VDD is the main power supply pin. It supplies the AS3911B
blocks through three regulators (VDD_A, VDD_D and VDD_RF). VDD
range from 2.4 to 5.5 V is supported.
VDD_IO is used to define supply level for digital communication
pins (/SS, MISO, MOSI, SCLK, IRQ, MCU_CLK). Digital
communication pins interface to the AS3911B logic through
level shifters, therefore the internal supply voltage can be either
higher or lower than VDD_IO. VDD_IO range from 1.65 V to 5.5 V
is supported.
Figure 20 shows the building blocks of the AS3911B power
supply system. It contains three regulators, a power-down
support block, a block generating analog reference voltage
(AGD) and a block performing automatic power supply
adjustment procedure. The three regulators are providing
supply to analog blocks (VSP_A), logic (VSP_D) and transmitter
(VSP_RF). The use of VSP_A and VSP_D regulators is mandatory
at 5V power supply to provide regulated voltage to analog and
logic blocks which only use 3.3 V devices. The use of VSP_A and
VSP_D regulators at 3 V supply and VSP_RF regulator at any
supply voltage is recommended to improve system PSRR.
Regulated voltage can be adjusted automatically to have
maximum possible regulated voltage while still having good
PSRR. All regulator pins also have corresponding negative
supply pins which are externally connected to ground potential
(VSS). The reason for separation is in decoupling of noise
induced by voltage drops on the internal power supply lines.
Figure 10 and Figure 11 depict typical AS3911B application
schematics with all regulators used. All regulator pins and AGD
voltage are buffered with capacitor. Recommended blocking
capacitor values can be found in the table below are 2.2 μF in
parallel with 10 nF, for pin AGD 1 μF in parallel with 10 nF is
suggested.
Figure 19:
Recommended Blocking Capacitor Values
Pins
Recommended Capacitors
AGD-VSS
1μF || 10nF
VSP_A-VSN_A
VSP_D-VSN_D
2.2μF || 10nF
2.2μF || 10nF
VSP_RF-VSN_RF
2.2μF || 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com