Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 30 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 30 Page - ams AG

Back Button AS3911B Datasheet HTML 26Page - ams AG AS3911B Datasheet HTML 27Page - ams AG AS3911B Datasheet HTML 28Page - ams AG AS3911B Datasheet HTML 29Page - ams AG AS3911B Datasheet HTML 30Page - ams AG AS3911B Datasheet HTML 31Page - ams AG AS3911B Datasheet HTML 32Page - ams AG AS3911B Datasheet HTML 33Page - ams AG AS3911B Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 155 page
background image
AS3911B – 30
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Mask Receive Timer and No-response Timer
Mask Receive Timer and No-response Timer are both
automatically started at the end of transmission (at the end of
EOF).
Mask Receive Timer
The Mask Receive Timer is blocking the Receiver and reception
process in framing logic by keeping the rx_on signal low after
the end of Tx during the time the tag reply is not expected.
While the Mask Receive timer is running, the Squelch is
automatically turned on (if enabled). Mask receive timer does
not produce an IRQ.
The Mask Receive Timer timeout is configured in the Mask
Receive Timer Register.
In the NFCIP-1 active communication mode the Mask receive
timer is started when the peer NFC device (a device with which
communication is going on) switches on its field.
The Mask Receive timer has a special use in the low power Initial
NFC Target Mode. After the initiator field has been detected the
controller turns on the oscillator, regulator and receiver. Mask
Receive timer is started by sending direct command Start
Mask-receive Timer. After the Mask Receive Timer expires the
receiver output starts to be observed to detect start of the
initiator message. In this mode the Mask Receive Timer clock is
additionally divided by eight it (one count is 512/fc) to cover
range up to ~9.6 ms.
No-response Timer
As its name indicates this timer is intended to observe whether
a tag response was detected in a configured time started by
end of transmission. The I_nre flag in the Timer and NFC
Interrupt Register is signaling interrupt events resulting from
this timer timeout.
The No-response Timer is configured by writing two
No-response Timer setting registers: No-response Timer
Register 1and No-response Timer Register 2. Operation options
of the No-response timer are defined by setting bits nrt_emv
and nrt_step in the General Purpose and No-response Timer
Control Register.
Bit nrt_step configures the time step of the No-response Timer.
Two steps are available, 64/fc (4.72 μs), which covers range up
to 309 ms and 4096/fc, which covers range up to 19.8 s.
Bit nrt_emv controls the timer operation mode:
• When this bit is set to 0 (default mode) the IRQ is produced
in case the No-response timer expires before a start of a
tag reply is detected. In the opposite case, when start of
a tag reply is detected before timeout, the timer is
stopped, and no IRQ is produced.
• When this bit is set to 1 the timer unconditionally
produces an IRQ when it expires, it is also not stopped by
direct command Clear. This means that IRQ is independent
of the fact whether or not a tag reply was detected. In case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com