Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 22 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 22 Page - ams AG

Back Button AS3911B Datasheet HTML 18Page - ams AG AS3911B Datasheet HTML 19Page - ams AG AS3911B Datasheet HTML 20Page - ams AG AS3911B Datasheet HTML 21Page - ams AG AS3911B Datasheet HTML 22Page - ams AG AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG AS3911B Datasheet HTML 25Page - ams AG AS3911B Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 155 page
background image
AS3911B – 22
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Figure 15 provides information on the recommended filter
settings. For all supported operation modes and receive bit
rates there is an automatic preset defined, additionally some
alternatives are listed. Automatic preset is done by sending
direct command Analog Preset. There is no automatic preset for
Steam and Transparent modes. Since selection of filter
characteristics also modifies gain, the gain range for different
filter settings is also listed.
Figure 15:
Receiver Filter Selection and Gain Range
Digitizing Stage
Digitizing stage is producing a digital form of sub-carrier signal
which is output of Receiver and input to Framing Logic. It is a
window comparator with adjustable digitizing window (five
possible settings, 3 dB steps, adjustment range from ±33 mV to
±120 mV). Adjustment of the digitizing window is included in
AGC and Squelch loops or can be manually set in Receiver
Configuration Register 4.
Gain [dB]
Comment
000
0
0
0
43.4
28
26.4
11
49.8
Automatic preset for ISO14443A fc/128
and NFC Forum Type 1 Tag
000
1
0
0
44
29
27.5
12
49.7
Automatic preset for ISO14443B fc/128
ISO14443 fc/64
001
1
0
0
44.3
29
27
11.7
49.8
Recommended for 424/484 kHz
sub-carrier
000
0
1
0
41.1
25.8
23.6
8.3
46.8
Alternative choice for ISO14443 fc/32 and
fc/16
100
0
1
0
32
17
17.2
2
37.6
Automatic preset for ISO14443 fc/32 and
fc/16
Alternative choice for fc/8 (1.7 kb/s)
100
0
0
0
32
17
17.2
2
37.6
Alternative choice for fc/8 (1.7 kb/s)
000
0
1
1
41.1
25.8
23.6
8.3
46.8
Automatic preset FeliCa (fc/64, fc/32)
Alternative choice for ISO14443 fc/32 and
fc/16
101
0
1
0
30
20
12
2
34
Alternative choice for fc/8 and fc/4
101
1
0
0
30
20
12
2
34
Automatic preset for fc/8 and fc/4
000
1
0
1
36.5
21.5
24.9
9.9
41.5
Automatic preset for NFCIP-1 (initiator and
target)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com