Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 25 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 25 Page - ams AG

Back Button AS3911B Datasheet HTML 21Page - ams AG AS3911B Datasheet HTML 22Page - ams AG AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG AS3911B Datasheet HTML 25Page - ams AG AS3911B Datasheet HTML 26Page - ams AG AS3911B Datasheet HTML 27Page - ams AG AS3911B Datasheet HTML 28Page - ams AG AS3911B Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 25
Appl icatio n I n f o rm a t i o n
Bit rg_nfc forces gain reduction of second and third filtering
stage to -6dB while keeping the digitizer comparator window
at maximum level.
Capacitive Sensor
The Capacitive Sensor block provides a possibility of low power
detection of tag presence.
The capacitive measurement system comprises two electrodes.
One is excitation electrode emitting electrical field of a fixed
frequency in range of few hundred kHz (CSO) and the second
one is the sensing electrode (CSI). The amount of charge gen-
erated in sensing electrode represents the capacitance be-
tween the two electrodes. Capacitive sensor electrodes are tol-
erant to parasitic capacitance to ground (up to 25 pF) and to
input leakage (up to 1 M
Ω).
Since the charge on the sensing electrode is generated with the
frequency of excitation electrode, synchronous rectifier is used
to detect it. This ensures good rejection of interference and
high tolerance to parasitic capacitances (to all nodes except the
excitation electrode).
Capacitive sensor system depicted on figure below uses a syn-
chronous rectifier to convert the AC charge generated by the
excitation signal on the sensing electrode. This yields a DC out-
put voltage, which is linearly proportional to the capacitance
between the excitation and sensing electrode. The output DC
voltage is converted by an AD converter in absolute mode. Re-
sult is stored in the A/D Converter Output Register (see also A/D
Converter).
Figure 16:
Capacitive Sensor Block Diagram
A/D
Converter
Synchronous
Rectifier
Oscillator
CSO
CSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com