Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 23 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 23 Page - ams AG

Back Button AS3911B Datasheet HTML 19Page - ams AG AS3911B Datasheet HTML 20Page - ams AG AS3911B Datasheet HTML 21Page - ams AG AS3911B Datasheet HTML 22Page - ams AG AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG AS3911B Datasheet HTML 25Page - ams AG AS3911B Datasheet HTML 26Page - ams AG AS3911B Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 23
Appl icatio n I n f o rm a t i o n
AGC, Squelch and RSSI
As mentioned above second and third gain stage gain and the
Digitizing stage digitizing window are included in AGC and
Squelch loops. Eleven settings are available, default state
features minimum digitizer window and maximum gain, first
four steps increase the digitizer window in 3 dB steps, next six
steps additionally reduce the gain in 2nd and 3rd gain stage also
in 3 dB steps. The initial setting with which Squelch and AGC
start is defined in Receiver Configuration Register 4. The Gain
Reduction State Register displays the actual state of gain which
results from Squelch, AGC and initial settings in Receiver
Configuration Register 4. During bit anticollision like Type A,
the AGC should be disabled.
Squelch
This feature is designed for operation of receiver in noisy
environment. The noise can come from tags in which
processing of data sent by the reader is going on and an answer
is being prepared. Noise can also be generated by noisy
environment. This noise may be misinterpreted as start of
transponder response which results in decoding error.
During execution of the Squelch procedure the output of
Digitizing comparator is observed. In case there are more than
two transitions on this output in 50 μs time period, gain is
reduced for 3 dB and output is observed during next 50 μs. This
procedure is repeated until number of transitions in 50 μs is
lower or equal to 2 or until maximum gain reduction is reached.
This setting is cleared by sending direct command Reset Rx
Gain.
There are two possibilities of performing squelch: automatic
mode and using direct command Squelch.
• Automatic mode is started in case bit sqm_dyn in the
Receiver Configuration Register 2 is set. It is activated
automatically 18.88 μs after end of Tx and is terminated
with Mask Receive timer expire. This mode is primarily
intended to suppress noise generated by tag processing
during the time when the tag response is not expected
(covered by Mask Receive timer).
• Command Squelch is accepted in case it is sent when
signal rx_on is low. It can be used in case the time window
in which noise is present is known by the controller.
AGC
AGC (automatic gain control) is used to reduce gain to keep
receiver chain out of saturation. In case gain is properly
adjusted the demodulation process is also less influenced by
system noise.
AGC action starts when signal rx_on is asserted high and is reset
when it is reset to low. At low to high transitions of the rx_on
the state of the receiver gain is stored in the Gain Reduction
State Register, therefore reading this register later gives the
information of the gain setting used during last reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com