Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 61 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 61 Page - ams AG

Back Button AS3911B Datasheet HTML 57Page - ams AG AS3911B Datasheet HTML 58Page - ams AG AS3911B Datasheet HTML 59Page - ams AG AS3911B Datasheet HTML 60Page - ams AG AS3911B Datasheet HTML 61Page - ams AG AS3911B Datasheet HTML 62Page - ams AG AS3911B Datasheet HTML 63Page - ams AG AS3911B Datasheet HTML 64Page - ams AG AS3911B Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 61
Appl icatio n I n f o rm a t i o n
Figure 40:
Analog Test and Observation Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after commands Set Default and Clear Test Registers
Figure 41:
Test Access Register - Tana Signal Selection Of CSI and CSO Pins
Test Address 01h: Analog Test and Observation Register
Type: RW
Bit
Name
Default
Function
Comments
7tana_7
0
Do not change
6tana_6
0
Do not change
5tana_5
0
Do not change
4Not used
3tana_3
0
See Figure 41
These test modes are also intended
for observation in normal mode.
Several modes of this register are
also available when analog test
mode is not set.
2tana_2
0
1tana_1
0
0tana_0
0
Tana_
Pin CSI
Pin CSO
3
2
1
0
Pin
Type
Functionality
Pin
Type
Functionality
Comment
0
0
0
1
AO
Analog output of AM
channel (before
digitizer)
DO
Digital output of AM
channel (after
digitizer)
Normal
operation
0
0
1
0
AO
Analog output of PM
channel (before
digitizer)
DO
Digital output of PM
channel (after
digitizer)
Normal
operation
0
0
1
1
AO
Analog output of AM
channel (before
digitizer)
AO
Analog output of PM
channel (before
digitizer)
Normal
operation
0
1
0
0
DO
Digital output of AM
channel (after
digitizer)
DO
Digital output of PM
channel (after
digitizer)
Normal
operation
0
1
0
1
AO
Analog signal after
first stage
AO
Analog signal after
second stage
Normal
operation
PM channel if
enabled,
AM if PM is
not enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com