Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 86 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 86 Page - ams AG

Back Button AS3911B Datasheet HTML 82Page - ams AG AS3911B Datasheet HTML 83Page - ams AG AS3911B Datasheet HTML 84Page - ams AG AS3911B Datasheet HTML 85Page - ams AG AS3911B Datasheet HTML 86Page - ams AG AS3911B Datasheet HTML 87Page - ams AG AS3911B Datasheet HTML 88Page - ams AG AS3911B Datasheet HTML 89Page - ams AG AS3911B Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 155 page
background image
AS3911B – 86
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Mask Main Interrupt Register
Figure 71:
Mask Main Interrupt Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
Mask Timer and NFC Interrupt Register
Figure 72:
Mask Timer and NFC Interrupt Register
Address 14h: Mask Main Interrupt Register
Type: RW
Bit
Name
Default
Function
Comments
7M_osc
0
Mask IRQ when oscillator
frequency is stable
6
M_wl
0
Mask IRQ due to FIFO water level
5
M_rxs
0
Mask IRQ due to start of receive
4
M_rxe
0
Mask IRQ due to end of receive
3
M_txe
0
Mask IRQ due to end of
transmission
2
M_col
0
Mask IRQ due to bit collision
10
Not used
00
Address 15h: Mask Timer and NFC Interrupt Register
Type: RW
Bit
Name
Default
Function
Comments
7M_dct
0
Mask IRQ due to termination of
direct command
6
M_nre
0
Mask IRQ due to No-response
timer expire
5
M_gpe
0
Mask IRQ due to general purpose
timer expire
4
M_eon
0
Mask IRQ due to detection of
external field higher than Target
activation level
3M_eof
0
Mask IRQ due to detection of
external field drop below Target
activation level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com