Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 5 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 5 Page - ams AG

  AS3911B Datasheet HTML 1Page - ams AG AS3911B Datasheet HTML 2Page - ams AG AS3911B Datasheet HTML 3Page - ams AG AS3911B Datasheet HTML 4Page - ams AG AS3911B Datasheet HTML 5Page - ams AG AS3911B Datasheet HTML 6Page - ams AG AS3911B Datasheet HTML 7Page - ams AG AS3911B Datasheet HTML 8Page - ams AG AS3911B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 5
P i n A ssig n men t
Pin Description: Pins in bold have different functionality in comparison to the AS3910.
9VSP_RF
Analog
output
Supply regulator output for antenna drivers
10
RFO1
Antenna driver output
11
RFO2
12
VSN_RF
Supply pad
Ground of antenna drivers
13
TRIM1_3
Analog I/O
Input to trim antenna resonant circuit
14
TRIM2_3
15
TRIM1_2
16
TRIM2_2
17
TRIM1_1
18
TRIM2_1
19
TRIM1_0
20
TRIM2_0
21
VSS
Supply pad
Ground, die substrate potential
22
RFI1
Analog input
Receiver input
23
RFI2
24
AGD
Analog I/O
Analog reference voltage
25
CSI
Analog input
Capacitor sensor input
26
VSN_A
Supply pad
Analog ground
27
IRQ
Digital output
Interrupt request output
28
MCU_CLK
Microcontroller clock output
29
MISO
Digital output
/ tristate
Serial Peripheral Interface data output
30
MOSI
Digital input
Serial Peripheral Interface data input
31
SCLK
Serial Peripheral Interface clock
32
/SS
Serial Peripheral Interface enable (active low)
#
VSS
Exposed Pad
Ground, die substract potential, connect to VSS on PCB
Pin Number
Pin Name
Pin Type
Description
32-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com