Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 105 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 105 Page - ams AG

Back Button AS3911B Datasheet HTML 101Page - ams AG AS3911B Datasheet HTML 102Page - ams AG AS3911B Datasheet HTML 103Page - ams AG AS3911B Datasheet HTML 104Page - ams AG AS3911B Datasheet HTML 105Page - ams AG AS3911B Datasheet HTML 106Page - ams AG AS3911B Datasheet HTML 107Page - ams AG AS3911B Datasheet HTML 108Page - ams AG AS3911B Datasheet HTML 109Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 105
Appl icatio n I n f o rm a t i o n
Figure 96:
Regulated Voltages
Regulated Voltage
reg_3
rege_3
reg_2
rege_2
reg_1
rege_1
reg_0
rege_0
Typical Regulated Voltage [V]
5 V Mode
3.3 V Mode
11
11
5.1
3.4
11
10
4.98
3.3
11
01
4.86
3.2
11
00
4.74
3.1
10
11
4.62
3.0
10
10
4.50
2.9
10
01
4.38
2.8
10
00
4.26
2.7
01
11
4.14
2.6
01
10
4.02
2.5
01
01
3.90
2.4
other combinations
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com