Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 113 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 113 Page - ams AG

Back Button AS3911B Datasheet HTML 109Page - ams AG AS3911B Datasheet HTML 110Page - ams AG AS3911B Datasheet HTML 111Page - ams AG AS3911B Datasheet HTML 112Page - ams AG AS3911B Datasheet HTML 113Page - ams AG AS3911B Datasheet HTML 114Page - ams AG AS3911B Datasheet HTML 115Page - ams AG AS3911B Datasheet HTML 116Page - ams AG AS3911B Datasheet HTML 117Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 113
Appl icatio n I n f o rm a t i o n
Amplitude Measurement Reference Register
Figure 106:
Amplitude Measurement Reference Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
Amplitude Measurement Auto-averaging Display
Register
Figure 107:
Amplitude Measurement Auto-averaging Display Register
Note(s) and/or Footnote(s):
1. At power-up and after Set Default command, content of this register is set to 0.
Address 33h: Amplitude Measurement Reference Register
Type: RW
Bit
Name
Default
Function
Comments
7am_ref7
0
6am_ref6
0
5am_ref5
0
4am_ref4
0
3am_ref3
0
2am_ref2
0
1am_ref1
0
0am_ref0
0
Address 34h: Amplitude Measurement Auto-averaging
Display Register
Type: R
Bit
Name
Default
Function
Comments
7
am_aad7
6
am_aad6
5
am_aad5
4
am_aad4
3
am_aad3
2
am_aad2
1
am_aad1
0
am_aad0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com