Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 154 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 154 Page - ams AG

Back Button AS3911B Datasheet HTML 147Page - ams AG AS3911B Datasheet HTML 148Page - ams AG AS3911B Datasheet HTML 149Page - ams AG AS3911B Datasheet HTML 150Page - ams AG AS3911B Datasheet HTML 151Page - ams AG AS3911B Datasheet HTML 152Page - ams AG AS3911B Datasheet HTML 153Page - ams AG AS3911B Datasheet HTML 154Page - ams AG AS3911B Datasheet HTML 155Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 154 / 155 page
background image
AS3911B – 154
ams Datasheet: 2014-Jun-12 [v1-08]
Content G u i d e
62
Registers
66
IO Configuration Register 1
67
IO Configuration Register 2
68
Operation Control Register
69
Mode Definition Register
70
Bit Rate Definition Register
71
ISO14443A and NFC 106kb/s Settings Register
73
ISO14443B Settings Register 1
74
ISO14443B and FeliCa Settings Register
75
Stream Mode Definition Register
77
Auxiliary Definition Register
78
Receiver Configuration Register 1
79
Receiver Configuration Register 2
80
Receiver Configuration Register 3
81
Receiver Configuration Register 4
82
Mask Receive Timer Register
82
No-response Timer Register 1
83
No-response Timer Register 2
83
General Purpose and No-response Timer
Control Register
85
General Purpose Timer Register 1
85
General Purpose Timer Register 2
86
Mask Main Interrupt Register
86
Mask Timer and NFC Interrupt Register
87
Mask Error and Wake-up Interrupt Register
88
Main Interrupt Register
89
Timer and NFC Interrupt Register
90
Error and Wake-up Interrupt Register
91
FIFO Status Register 1
92
FIFO Status Register 2
93
Collision Display Register
94
Number of Transmitted Bytes Register 1
94
Number of Transmitted Bytes Register 2
95
NFCIP Bit Rate Detection Display Register
95
A/D Converter Output Register
96
Antenna Calibration Control Register
97
Antenna Calibration Target Register
97
Antenna Calibration Display Register
98
AM Modulation Depth Control Register
99
AM Modulation Depth Display Register
99
RFO AM Modulated Level Definition Register
100 RFO Normal Level Definition Register
100 External Field Detector Threshold Register
103 Regulator Voltage Control Register
104 Regulator and Timer Display Register
106 RSSI Display Register
108 Gain Reduction State Register
109 Capacitive Sensor Control Register
110 Capacitive Sensor Display Register
110 Auxiliary Display Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com