Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 113 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 113 Page - NEC

Back Button UPD17015GS Datasheet HTML 109Page - NEC UPD17015GS Datasheet HTML 110Page - NEC UPD17015GS Datasheet HTML 111Page - NEC UPD17015GS Datasheet HTML 112Page - NEC UPD17015GS Datasheet HTML 113Page - NEC UPD17015GS Datasheet HTML 114Page - NEC UPD17015GS Datasheet HTML 115Page - NEC UPD17015GS Datasheet HTML 116Page - NEC UPD17015GS Datasheet HTML 117Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 120 page
background image
113
µPD17015
18. ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Conditions
Rated value
Unit
Supply voltage
VDD
–0.3 to +4.0
V
Input voltage
VI
CE pin
–0.3 to VDD + 0.6
V
Except for the CE pin
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output high current
IOH
Each pin
–3.0
mA
Total for all pins
–20.0
mA
Output low current
IOL
Each pin
3.0
mA
Total for all pins
20.0
mA
Operating ambient
TA
–20 to +50
°C
temperature
Storage temperature
Tstg
–55 to +125
°C
Caution Absolute maximum ratings are rated values beyond which physical damage may be caused to
the product; if any of the parameters in the table above exceeds its rated value, even momentarily,
the quality of the product may deteriorate. Therefore, ensure that the product is used within the
rated values.
RECOMMENDED OPERATING RANGES (TA = –10 to +50
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VDD1
CPU operation
1.8
3.0
3.6
V
VDD2
CPU operation, TA = –20 to +50
°C
1.9
3.0
3.6
V
Rise time of supply voltage
trise
VDD: 0
→ 1.8 V
500
ms
TA = –20 to +50
°C
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com