Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 116 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 116 Page - NEC

Back Button UPD17015GS Datasheet HTML 112Page - NEC UPD17015GS Datasheet HTML 113Page - NEC UPD17015GS Datasheet HTML 114Page - NEC UPD17015GS Datasheet HTML 115Page - NEC UPD17015GS Datasheet HTML 116Page - NEC UPD17015GS Datasheet HTML 117Page - NEC UPD17015GS Datasheet HTML 118Page - NEC UPD17015GS Datasheet HTML 119Page - NEC UPD17015GS Datasheet HTML 120Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 116 / 120 page
background image
116
µPD17015
20. RECOMMENDED SOLDERING CONDITIONS
The conditions listed below shall be met when soldering the
µPD17015.
For details of the recommended soldering conditions, refer to our document
SMD Surface Mount Technology
Manual (IEI-1207).
Please consult with our sales offices in case any other soldering process is used, or in case soldering is done under
different conditions.
Table 20-1
Soldering Conditions for Surface-Mount Devices
µPD17015GS-×××-GJG: 38-pin plastic shrink SOP (300 mil)
Soldering conditions
Peak package’s surface temperature: 235
°C
Reflow time: 30 seconds or less (at 210
°C or more)
Maximum allowable number of reflow processes: 2
<Cautions>
(1) Do not start reflow-soldering the device if its temperature is
higher than the room temperature because of a previous
reflow soldering.
(2) Do not use water for flux cleaning before a second reflow
soldering.
Peak package’s surface temperature: 215
°C
Reflow time: 40 seconds or less (at 200
°C or more)
Maximum allowable number of reflow processes: 2
<Cautions>
(1) Do not start reflow-soldering the device if its temperature is
higher than the room temperature because of a previous
reflow soldering.
(2) Do not use water for flux cleaning before a second reflow
soldering.
Solder temperature: 260
°C or less
Flow time: 10 seconds or less
Number of flow process: 1
Preheating temperature: 120
°C max.
(measured on the package surface)
Terminal temperature: 300
°C or less
Flow time: 3 seconds or less (for each side of device)
Symbol
IR35-00-2
VP15-00-2
WS60-00-1
—
Soldering process
Infrared ray reflow
VPS
Wave soldering
Partial heating method
Caution Do not apply more than a single process at once, except for "Partial heating method."
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com