Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 117 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 117 Page - NEC

Back Button UPD17015GS Datasheet HTML 112Page - NEC UPD17015GS Datasheet HTML 113Page - NEC UPD17015GS Datasheet HTML 114Page - NEC UPD17015GS Datasheet HTML 115Page - NEC UPD17015GS Datasheet HTML 116Page - NEC UPD17015GS Datasheet HTML 117Page - NEC UPD17015GS Datasheet HTML 118Page - NEC UPD17015GS Datasheet HTML 119Page - NEC UPD17015GS Datasheet HTML 120Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 117 / 120 page
background image
117
µPD17015
APPENDIX
DEVELOPMENT TOOLS
The following support tools are available for developing programs for the
µPD17015.
Hardware
Name
Description
The IE-17K, IE-17K-ET, and EMU-17K are in-circuit emulators applicable to the 17K series.
The IE-17K and IE-17K-ET are connected to the PC-9800 series (host machine) or
IBM PC/ATTM through the RS-232-C interface. The EMU-17K is inserted into the extension
slot of the PC-9800 series (host machine).
Use the system evaluation board (SE board) corresponding to each product together with
one of these in-circuit emulators.
SIMPLEHOST TM, a man machine interface, implements
an advanced debug environment.
The EMU-17K also enables user to check the contents of the data memory in real time.
The SE-17015 is an SE board for the
µPD17015. It is used solely for evaluating the
system. It is also used for debugging in combination with the in-circuit emulator.
The EP-17K38GT is an emulation probe for the
µPD17015GS.
It is used to connect the SE board with the target system in combination with the EV-
9500GT-38.
The EV-9500GT-38 is a flexible printed circuit board used for a 38-pin plastic shrink SOP
(300 mil). This board is used to connect the EP-17K38GT to the target system.
Notes 1. Low-end model, operating on an external power supply
2. The EMU-17K is a product of IC Co., Ltd. Contact IC Co., Ltd. (Tokyo, 03-3447-3793) for details.
3. The EP-17K38GT is supplied together with two EV-9500GT-38s. A set of five EV-9500GT-38s is also
available.
In-circuit emulator
IE-17K
IE-17K-ETNote 1
EMU-17KNote 2
SE board
(SE-17015)
Emulation probe
(EP-17K38GT)
Flexible printed circuit board
for conversion
(EV-9500GT-38Note 3)
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com