Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 118 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 118 Page - NEC

Back Button UPD17015GS Datasheet HTML 112Page - NEC UPD17015GS Datasheet HTML 113Page - NEC UPD17015GS Datasheet HTML 114Page - NEC UPD17015GS Datasheet HTML 115Page - NEC UPD17015GS Datasheet HTML 116Page - NEC UPD17015GS Datasheet HTML 117Page - NEC UPD17015GS Datasheet HTML 118Page - NEC UPD17015GS Datasheet HTML 119Page - NEC UPD17015GS Datasheet HTML 120Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 118 / 120 page
background image
118
µPD17015
17K series
assembler
(AS17K)
Device file
(AS17015)
Support software
(
SIMPLEHOST)
µS5A10AS17K
µS5A13AS17K
µS7B10AS17K
µS7B13AS17K
µS5A10AS17015
µS5A13AS17015
µS7B10AS17015
µS7B13AS17015
µS5A10IE17K
µS5A13IE17K
µS7B10IE17K
µS7B13IE17K
AS17K is an assembler
applicable to the 17K series.
In developing
µPD17015
programs, AS17K is used in
combination with a device file
(AS17015).
AS17015 is a device file for the
µPD17015.
It is used together with the
assembler (AS17K), which is
applicable to the 17K series.
SIMPLEHOST, running on the
WindowsTM, provides man-
machine-interface in develop-
ing programs by using a
personal computer and the in-
circuit emulator.
OS
Part number
Description
Distribution
media
Host
machine
5.25-inch,
2HD
3.5-inch,
2HD
5.25-inch,
2HC
3.5-inch,
2HC
5.25-inch,
2HD
3.5-inch,
2HD
5.25-inch,
2HC
3.5-inch,
2HC
5.25-inch,
2HD
3.5-inch,
2HD
5.25-inch,
2HC
3.5-inch,
2HC
PC-9800
series
IBM
PC/AT
PC-9800
series
IBM
PC/AT
PC-9800
series
IBM
PC/AT
Name
MS-DOS
PC DOS
Windows
MS-DOSTM
PC DOS TM
MS-DOS
PC DOS
OS
Versions
MS-DOS
Ver. 3.30 to Ver. 5.00ANote
PC DOS
Ver. 3.1 to Ver. 5.0Note
Windows
Ver. 3.0 to Ver. 3.1
Note
MS-DOS versions 5.00 and 5.00A
and PC DOS Ver. 5.0 are provided
with a task swap function. This func-
tion, however, cannot be used in
these software packages.
Software
Remark The following table lists the versions of the operating systems described in the above table.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com