Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 115 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 115 Page - NEC

Back Button UPD17015GS Datasheet HTML 111Page - NEC UPD17015GS Datasheet HTML 112Page - NEC UPD17015GS Datasheet HTML 113Page - NEC UPD17015GS Datasheet HTML 114Page - NEC UPD17015GS Datasheet HTML 115Page - NEC UPD17015GS Datasheet HTML 116Page - NEC UPD17015GS Datasheet HTML 117Page - NEC UPD17015GS Datasheet HTML 118Page - NEC UPD17015GS Datasheet HTML 119Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 120 page
background image
115
µPD17015
38 PIN PLASTIC SHRINK SOP (300 mil)
C
B
N
detail of lead end
38
A
L
H
I
J
20
119
D
M
M
P38GS-65-300B-1
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
K
12.71 MAX.
0.65 (T.P.)
2.0 MAX.
1.7±0.1
8.1±0.3
0.51 MAX.
0.501 MAX.
0.005±0.003
0.079 MAX.
0.319±0.012
0.240±0.008
0.020 MAX.
NOTE
L
M
0.10
0.5±0.2
1.0±0.2
6.1±0.2
0.004
0.020
+0.008
–0.009
Each lead centerline is located within 0.10
mm (0.004 inch) of its true position (T.P.) at
maximum material condition.
0.039
0.067±0.004
0.026 (T.P.)
0.15
0.006
N
0.10
0.004
0.012
0.30±0.10
0.125±0.075
+0.004
–0.002
+0.004
–0.005
+0.009
–0.008
+0.10
–0.05
19. PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com