Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 114 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 114 Page - ams AG

Back Button PS081 Datasheet HTML 110Page - ams AG PS081 Datasheet HTML 111Page - ams AG PS081 Datasheet HTML 112Page - ams AG PS081 Datasheet HTML 113Page - ams AG PS081 Datasheet HTML 114Page - ams AG PS081 Datasheet HTML 115Page - ams AG PS081 Datasheet HTML 116Page - ams AG PS081 Datasheet HTML 117Page - ams AG PS081 Datasheet HTML 118Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
6-11
PSØ81
clear
Clear register
Syntax:
clear p1
Parameters:
p1 = ACCU [x,y,z,r]
Calculus:
p1 := 0
Flags affected:
S Z
Bytes:
1
Cycles:
1
Description:
Clear addressed register to 0
Category:
RAM access
clk10khz
Clock source 10 kHz
Syntax:
clk10khz p1
Parameters:
p1 = number 0 or 1
Calculus:
-
Flags affected:
-
Bytes:
2
Cycles:
3
Description:
Change clock source of processor to 10 kHz. The clock of the processor is switched
to the slower 10 kHz clock instead of the 40 MHz. The 10 kHz clock is still stable to
variations in temperature and supply voltage. If p1 is set to 1 the 10 kHz clock is on,
if p1 == 0 the 10 kHz clock is off.
Category:
Miscellaneous
clrC
Clear flags
Syntax:
clrC
Parameters:
-
Calculus:
-
Flags affected:
C O
Bytes:
1
Cycles:
1
Description:
Clear Carry and Overflow flags
Category:
Shift and Rotate
clrLCD
Clear LCD
Syntax:
clrLCD
Parameters:
-
Calculus:
-
Flags affected:
-
Bytes:
1
Cycles:
Subroutine call
Description:
Clear LCD registers 61 & 62. Use this opcode in combination with ‚newlcd‘ to switch
off all LCD segments.
In real a subroutine in the ROM code is called. The assembler converts this com-
mand to the corresponding jump command.
Category:
LCD Display
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com