Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 110 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 110 Page - ams AG

Back Button PS081 Datasheet HTML 106Page - ams AG PS081 Datasheet HTML 107Page - ams AG PS081 Datasheet HTML 108Page - ams AG PS081 Datasheet HTML 109Page - ams AG PS081 Datasheet HTML 110Page - ams AG PS081 Datasheet HTML 111Page - ams AG PS081 Datasheet HTML 112Page - ams AG PS081 Datasheet HTML 113Page - ams AG PS081 Datasheet HTML 114Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
6-7
PSØ81
Examples:
1.5 mV/V load cell, PICOSTRAIN wiring, Mult_HBx = 1:
1.5 mV/V = 1500 ppm à result in PS081 at maximum strain: 150,000 (0x0249F0)
2 mV/V load cell, Wheatstone wiring, Mult_HBx = 1:
2 mV/V means 1.333 mV/V in Wheatstone = 1333 ppm (due to a reduction in strain) à result in
PS081 at maximum strain: 133,333 (0x0208D5)
1 mV/V load cell, Picostrain wiring, Mult_HBx = 4:
1 mV/V = 1000 ppm à result in PS081 at max. strain: 400,000 (0x061A80)
6.3.2
Status Register
Table 6.3 Status Register (RAM Address 22)
Bit
Description
Status[23]= flg_io3_mio
Status[22]= flg_io2_sck
Status[21]= flg_io1_sdi
Status[20]= flg_io0_sdo
Status[19]= flg_rstpwr
Status[18]= flg_rstssn
Status[17]= flg_wdtalt
Status[16]= flg_endavg
Status[15]= flg_intav0
Status[14]= flg_ub_low
Status[13]= flg_errtdc
Status[12]= flg_pslock[1]
Status[11]= flg_pslock[0]
Status[10]= flg_errprt
Status[09]= flg_timout
Status[08]= error_dspclk
Status[07]= flg_io3_mio_r
Status[06]= flg_io2_sck_r
Status[05]= flg_io1_sdi_r
Status[04]= flg_io0_sdo_r
Status[03]= flg_io3_mio_f
Status[02]= flg_io2_sck_f
Status[01]= flg_io1_sdi_f
Status[00]= flg_io0_sdo_f
Pin26(32)
Pin20(25)
Pin19(24)
Pin18(23)
1 = Power-on reset caused jump into EEPROM
1 = Pushed button caused jump into EEPROM
1 = Watchdog interrupt caused jump into EEPROM
1 = End of measurement caused jump into EEPROM
1 = Jump into EEPROM in sleep mode
1 = Low voltage
1 = TDC error
1 = Phase shifter locked
1 = Phase shifter locked
1 = Error at strain gauge ports
1 = Timeout TDC
1 = Collision between TDC and DSP
1 = Rising edge at Pin26(32), 0 = no edge
1 = Rising edge at Pin20(25), 0 = no edge
1 = Rising edge at Pin19(24), 0 = no edge
1 = Rising edge at Pin18(23), 0 = no edge
1 = Falling edge at Pin26(32), 0 = no edge
1 = Falling edge at Pin20(25), 0 = no edge
1 = Falling edge at Pin19(24), 0 = no edge
1 = Falling edge at Pin18(23), 0 = no edge
Pin numbers in brackets = dice
The status of the inputs can be queried from the status regsiters at RAM addres 26 to 28. Please
see chapter 4.4.4 on page 4-17 for more details
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com