Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 108 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 108 Page - ams AG

Back Button PS081 Datasheet HTML 104Page - ams AG PS081 Datasheet HTML 105Page - ams AG PS081 Datasheet HTML 106Page - ams AG PS081 Datasheet HTML 107Page - ams AG PS081 Datasheet HTML 108Page - ams AG PS081 Datasheet HTML 109Page - ams AG PS081 Datasheet HTML 110Page - ams AG PS081 Datasheet HTML 111Page - ams AG PS081 Datasheet HTML 112Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
6-5
PSØ81
6.2.6.2
Not-equal zero
This flag is set to zero in case a new result unequal zero is written into an accumulator
(add,sub,move,swap etc.).
6.2.6.3
Sign
The sign is set when a new result is written into an accumulator (add,sub,move,swap etc.) and the
highest bit (MSB) is 1.
6.2.6.4
Overflow
Indicates an overflow during an addition or subtraction of two numbers in the meaning of two‘s com-
plement.
6.3
Status and Result Registers
6.3.1
Result Registers
Content of the RAM result registers at the end of a measurement:
ram=16
: HB1=(A-B) / (A+B)
HB1 un-compensated
ram=17
: HB2=(C-D) / (C+D)
HB2 un-compensated
ram=18
: HB3=(E-F) / (E+F)
HB3 un-compensated
ram=19
: HB4=(G-H) / (G+H)
HB4 un-compensated
ram=20
: HB0=(A-B)+(C-D)+(..)/
(A+B)+(C+D)+(..) HB0 compensated sum
ram=21
: TMP=(p1-p2) / p2
Temperature
ram=22
: Status
See 6.3.2
ram=23
: HB1+
Time measurement TDC at SG_A1, Pin11
ram=24
: CAL
Resolution TDC
ram=25
: UBATT
Measured supply voltage
ram=26 : Status_F
Indicates I/Os and pairs of I/Os with HIGH-to-LOW
ram=27 : Status_R
Indicates I/Os and pairs of I/Os with LOW-to-HIGH
ram=28 : Status_P
Indicates I/Os and pairs of I/Os with HIGH
ram=29 : Timer
ram=30,31
: NC
Free, can be used temporarily, will be overwritten
during measurement
x-Accu
: HB0
Value of ram=20
y-Accu
: Temp
Value of ram=21
z-Accu
: Flags
Value of ram=63
ramadr
: 0
Value of RAM address pointer
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com