Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 109 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 109 Page - ams AG

Back Button PS081 Datasheet HTML 105Page - ams AG PS081 Datasheet HTML 106Page - ams AG PS081 Datasheet HTML 107Page - ams AG PS081 Datasheet HTML 108Page - ams AG PS081 Datasheet HTML 109Page - ams AG PS081 Datasheet HTML 110Page - ams AG PS081 Datasheet HTML 111Page - ams AG PS081 Datasheet HTML 112Page - ams AG PS081 Datasheet HTML 113Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
6-6
1
PSØ81
Descriptions:
A :
Discharge time measurement at SG_A1
B :
Discharge time measurement at SG_A2
C :
Discharge time measurement at SG_B1
D :
Discharge time measurement at SG_B2
E :
Discharge time measurement at SG_C1
F :
Discharge time measurement at SG_C2
G :
Discharge time measurement at SG_D1
H :
Discharge time measurement at SG_D2
P1:
Discharge time measurement at TMP_1
P2:
Discharge time measurement at TMP_2
Formats:
HB1:
Result in 100 ppm, HB1/100 = result in ppm
HB2:
Result in 100 ppm, HB2/100 = result in ppm
HB3:
Result in 100 ppm, HB3/100 = result in ppm
HB4:
Result in 100 ppm, HB4/100 = result in ppm
HB0:
Result in 100 ppm, HB0/100 = result in ppm
TMP:
Result(Tmp)
= TMP/224
Status: See above
HB1+: Result (HB1+)/ns = 250 * HB1+ /214 [4MHz clock]
CAL:
Result (Cal)/ps = 250,000 / CAL
[4MHz clock]
UBATT: Result (UBATT)/V = 2.0+1.6*UBATT/64
HB1, HB2, HB3, HB4, HB0 and TMP are given as two’s complement. MSB = 1 indicates a negative
value. To get the positive value calculate X – 224.
Explanation:
Based on a standard extension of a load cell (2 mV/V) the resistance variation is 0.2 %, e.g. 2
Ω at
a 1000
Ω load cell. The change of 0.2 % corresponds to 2000 ppm. For reasons of internal calcula-
tions and accuracy, the result is given in x100 of 2000 ppm (= 200,000 ppm). Please note, that the
value in this register depends not only on the load cell’s sensitivity but also on the Mult_HBx setting in
PS081. This explanation is based on Mult_HBx = 1.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com