Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 147 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 147 Page - ams AG

Back Button PS081 Datasheet HTML 143Page - ams AG PS081 Datasheet HTML 144Page - ams AG PS081 Datasheet HTML 145Page - ams AG PS081 Datasheet HTML 146Page - ams AG PS081 Datasheet HTML 147Page - ams AG PS081 Datasheet HTML 148Page - ams AG PS081 Datasheet HTML 149Page - ams AG PS081 Datasheet HTML 150Page - ams AG PS081 Datasheet HTML 151Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
8-2
1
PSØ81
8
Appendix
8.1
High-Resolution Investigations
To investigate the highest possible resolution of the converter we picked a high quality load cell from
HBM and recorded the noise figures. The set up was as follows:
• HBM-SP4C3 load cell, modified to Picostrain wiring
• Only 1 Rspan was used, the other one shortened
• The supply voltage was 4.5 V
• The PCB was the high resolution plug-in module of the evaluation kit
• Median filter was used
Two figures were determined, the noise behavior and the stabilization time. Please see the following
table for an overview:
Table 8.1 Resolution
Divisions
peak-peak
internal
(eff.)
eff. Bits
Upate rate
Stabilization
time
RMS-noise
[nV]
250.000
1.370.000
20.3
5 Hz
1.0 sec.
6.5 nV
150.000
1.040.000
19.9
7.5 Hz
0.6 sec.
9 nV
100.000
680.000
19.3
12 Hz
0.35 sec.
13 nV
80.000
595.000
19.1
16.6 Hz
0.27 sec.
15 nV
60.000
385.000
18.5
30 Hz
0.15 sec.
24 nV
The following 3 noise diagrams show the noise behavior within 1 scale division. In the diagram title
you can see the number of stable scale divisons set, in all cases the noise is deeply within 1 division.
Figure 8.1 Achievable Resolution
Annotations:
PS081 Noise:
250.000 Div. @ 5Hz
Peak-Peak Noise: 0.94 Div. = 265.000 Peak-Peak Div.
rms-Noise: 6.5 nV = 1.37 Mio. eff. Div.
Stabilization time electronic: 1.0 sec.
-1
-0,5
0
0,5
1
1
101
201
301
401
501
601
701
801
901
#measurement
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com