Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 143 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 143 Page - ams AG

Back Button PS081 Datasheet HTML 139Page - ams AG PS081 Datasheet HTML 140Page - ams AG PS081 Datasheet HTML 141Page - ams AG PS081 Datasheet HTML 142Page - ams AG PS081 Datasheet HTML 143Page - ams AG PS081 Datasheet HTML 144Page - ams AG PS081 Datasheet HTML 145Page - ams AG PS081 Datasheet HTML 146Page - ams AG PS081 Datasheet HTML 147Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
7-4
1
PSØ81
May 2012
When exactly two of the six MultIOs are simultaneously ‘1’ and the rest four are
‘0’, then a multi input key(Section 4.4.4) is automatically detected. The condition of
two MultiIO pins being at ‘1’ can happen due to any of the following reasons:
1. For e.g. when two output ports are configured simultaneously to 1 from the
program.
2. When two inputs ports are set simultaneously to ‘1’ externally.
3. When two inputs are configured simultaneously (not one after another) with pull
up resistors.
4. When an input is switched simultaneously with an output.
Regardless of how the condition occurs, as a result the outputs function normally.
But the status registers showing the input status of MultIO0 – MultIO5 (RAM
address 22 and 26-28) are blocked by the falsely detected multi input. If it occurs
during configuration then further configuration of the 4 other IOs are blocked.
Once occurred, this condition can be resolved only by setting each of the previous-
ly ‘1’ MultIOs to 0.
Workaround:
Configure one MultIO port by default to 1 (either as output ‘1’ or as pulled up input)
permanently. This constant ‘1’ on one MultiIO port ensures the suppression of
the unwanted multi input detection from all the error sources listed. This however
leaves only 5 MultiIOs for effective usage.
7.3
Known issues and solutions
Issue: (known since July 2012)
Supply voltage reduction below 0.8V can cause an undefined state of PS081 („brown-out effect“)
where the chip does not react to the I/Os or interfaces anymore.
Solution:
When supply voltage is reduced, make sure it is reduced to true 0V and not only to a level < 0.8V.
7.4
Literature Guide
Datasheets
Title
Document-No
Date
PSØ81-EVA Evaluation System for PSØ81
DB_PS081_EVA V1.0
September 2009
ALCS-350 V2 Load Cell Simulator
DB_ALCS_V2 V0.1
August 2009
PicoProg Ø81
DB_PicoProg_Ø81_en_V0.1
January 2010
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com