Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 141 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 141 Page - ams AG

Back Button PS081 Datasheet HTML 137Page - ams AG PS081 Datasheet HTML 138Page - ams AG PS081 Datasheet HTML 139Page - ams AG PS081 Datasheet HTML 140Page - ams AG PS081 Datasheet HTML 141Page - ams AG PS081 Datasheet HTML 142Page - ams AG PS081 Datasheet HTML 143Page - ams AG PS081 Datasheet HTML 144Page - ams AG PS081 Datasheet HTML 145Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
7-2
1
PSØ81
7
Miscellaneous
7.1
Migration from PS08 to PS081
The following table shows the differences between PS08 and PS081:
PS08
PS081
EEPROM Program Space:
1Kx8 bit
2Kx8 bit
EEPROM User Space:
2x24 bit
16x24 bit
RAM User Space:
32x24 bit
48x24 bit
Inputs:
max. 5
max. 21
GPIOs (Mult_IO):
1
3
Configuration Registers:
17
19
External LCD via SPI:
no
yes
Opcodes:
same as PS08 plus:
- Anti vibration filter
- Hysteresis
- Round
- Gramm to Stone conversion
Package:
QFN56
QFN56
Dice:
2770x2520µm²
Pad: 116µm x 90µm
2370x3470µm²
Pad: 116µm x 90µm
Hardware changes:
From a hardware point of view the changes are rather small. If the packaged version is used
(QFN56), PS08 can be replaced by PS081 on existing PCBs. Only thing to pay attention to is that Pin
13 and 15 have changed, this is Pin 13 from VCC --> Mult_IO5 and Pin 15 GND --> Mult_IO4.
So to replace PS08 by PS081 on an existing PCB, there are 2 possibilities:
ƒ don‘t connect pin 13 and 15 with PS081
ƒ or: connect them, but configure them both as inputs (configreg_17, en_io4 and en_io5)
Software changes:
PS08 has 17 configuration registers (configreg_00 to configreg_16). PS081 has 2 more and confi-
greg_16 has changed. In other words, you have to put a configuration in the additional registers, in
the first instance you can just take the default values recommended in the data sheet.
Some very few opcodes have changed, e.g. no2lcd in the way the parameters are given. In PS081
there are additional opcodes available such as median, hysteresis or round. A description of the new
opcodes and the changes you find in the online help of PS081 Assembler version. There‘s also an
updated version for the evaluation software.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com