Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 138 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 138 Page - ams AG

Back Button PS081 Datasheet HTML 134Page - ams AG PS081 Datasheet HTML 135Page - ams AG PS081 Datasheet HTML 136Page - ams AG PS081 Datasheet HTML 137Page - ams AG PS081 Datasheet HTML 138Page - ams AG PS081 Datasheet HTML 139Page - ams AG PS081 Datasheet HTML 140Page - ams AG PS081 Datasheet HTML 141Page - ams AG PS081 Datasheet HTML 142Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
6-35
PSØ81
flg_rstssn in register 22, bit 18.
In case epr_pwr_prg = 1 the user code at EEPROM address 48 is started.
6.5.4
Sleep Mode
In sleep mode only the 10 kHz oscillator is running. At regular intervals the microprocessor is waked
up but without doing a measurement. In this phase it can check the I/O’s. A start-up of the micropro-
cessor from sleep mode is indicated by status bit flg_intav0 in register 22, bit 22.
Configuration:
tdc_sleepmode
Register 1, Bit 17
tdc_conv_cnt[11:0]
Reg0, Bits 23 to 14
Sleep mode is activated by setting tdc_sleepmode = 1. This is equivalent to set avrate = 0.
In sleep mode the conversion counter tdc_cnv_cnt () is running to the end and then immediately star-
ting the user program beginning at address 48 in the EEPROM.
After running in sleep mode the TDC has to be reinitialized for measurements.
Figure 6.3 Flow chart
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com