Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 142 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 142 Page - ams AG

Back Button PS081 Datasheet HTML 138Page - ams AG PS081 Datasheet HTML 139Page - ams AG PS081 Datasheet HTML 140Page - ams AG PS081 Datasheet HTML 141Page - ams AG PS081 Datasheet HTML 142Page - ams AG PS081 Datasheet HTML 143Page - ams AG PS081 Datasheet HTML 144Page - ams AG PS081 Datasheet HTML 145Page - ams AG PS081 Datasheet HTML 146Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
7-3
PSØ81
Other changes:
SPI opcode „Read Access“ has changed. In PS081 the 4 EEPROM cells are addressed subsequently.
The parameter „PS081Adjust“ (configreg_03, bit [9:4]) needs to be set in PS081, if the AV-rate
setting is <10. PS081adjust is thereby to set two times the AV-rate and a minimum of 8. E.g. the
AV-rate is 6, then PS081adjust would be 12.
7.2
Bug Report
Date
Reported Bug
Solution (if any)
Dec 2009
Cancelation of Full bridge parallel mode (zero drift
optimized)
Use standard full bridge
mode
Background:
This mode was introduced to reduce the zero drift of PS081 by paralleling RDSON
resistors on the chip. Intensive tests of several bonding options did unfortunately
not show any better behavior, in some cases even worse. Please use standard full
bridge mode instead, the systematic offset drift lies here in the range of ±6nV/
V/K and can be cross matched on the PCB.
July 2010
If any I/O pin is used as output, a maximum of 4
inputs can be configured. In other words, to increase
the number of inputs up to 21 is only possible if no
output is configured.
Background:
To increase the number of inputs an internal logic was added to connect not only
the 6 physical I/Os directly, but also combination of the lines. This works fine as
long as only inputs are configured. In July 2010 it was observed that as soon as
1 pin is configured as output, this internal logic does not work properly any longer.
This means, that the register 26, 27 and 28 which are normally used to indicate
the rising, pressed or falling flags of the buttons are not updated properly.
So if an output is configured, there are still inputs available, but only 4 as maxi-
mum and their status need to be checked in status register 22 instead of 26 to
28. In this sense, the maximum number of inputs and outputs when used mixed,
is input = 3 and output = 3. If you have an application with an update rate of >=
100 Hz there is another work-around option, please contact the support team of
acam in this case.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com