Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 152 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 152 Page - ams AG

Back Button PS081 Datasheet HTML 147Page - ams AG PS081 Datasheet HTML 148Page - ams AG PS081 Datasheet HTML 149Page - ams AG PS081 Datasheet HTML 150Page - ams AG PS081 Datasheet HTML 151Page - ams AG PS081 Datasheet HTML 152Page - ams AG PS081 Datasheet HTML 153Page - ams AG PS081 Datasheet HTML 154Page - ams AG PS081 Datasheet HTML 155Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 152 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
8-7
PSØ81
Call the subroutine(s):
ramadr 20
;HB0 result
move
x, r
no2lcd x, 1
;------- displaying on external LCD -------
newlcd
jsub
driver_4
Note:
This code snippet show the relevant code to drive an external LCD via SPI. It’s not a complete ex-
ample. Please make sure that the LCD driver is connected properly (connect LCD pins in parallel as
shown in chapter 4).
8.4
Long Term Offset-Drift Investigations
In August 2009 acam did some long-term offset drift investigations. In the setup the ports of the
PS08 were short-cutted (by a resistor) and the board put into the temperature chamber. In a 10
hours run the temperature cylce +20°C -> +40°C -> -10°C -> +5°C -> +20°C was run. Please see in
the following diagrams the results:
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com