Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 129 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 129 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 125Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 126Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 127Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 214 page
background image
FEDL7204-003-02
ML7204-003
129/214
INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD
The 8-bit registers (CR6 to CR9) that are mapped in the control registers are assigned to the following:
16-bit address of the internal data memory
(A15 to A0)
16-bit data for write/read processing
(D15 to D0)
The LSI is set to an initial mode about 200 ms after resetting by power-down reset with PDNB or by software
power-down reset with SPDN, and the initial mode display register (READY) is set to “1”. In initial mode,
control register and internal data memory can be changed. This section describes how to write and read internal
data memory.
Write Method (Single-Word)
Single-word internal data write processing is completed by setting the internal data memory single-word write
control register (XDMWR) to “1” after an internal data memory address and data to be written are set in
CR6-CR9. After termination of write operation, XDMWR is automatically cleared to “0”. Figure 52 shows
the method of writing single-word to internal data memory.
To rewrite data to multiple memory spaces with distributed address arears, repeat the write operation described
above.
By setting the operation start control register (OPE_STAT) to “1” after completion of the entire write operation,
normal operation can be started.
Write operation to the internal data memory is allowed in normal operation mode also. In this case also, use the
method described above.
(Note)
When the internal data memory is changed during in normal operation mode, retain the changed data for 250
s
or more since read operation is performed synchronized with a SYNC signal (8 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com