Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 133 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 133 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 214 page
background image
FEDL7204-003-02
ML7204-003
133/214
Read Method
By setting an internal data memory address in CR6 and CR7 and setting the internal memory read control
register (XDMRD) to “1”, single-word data in the internal data memory is stored in CR8 and CR9. After
termination of read operation, XDMRD is cleared to “0” automatically. Figure 54 shows the internal data
memory read method.
Internal data memory read operation is allowed only for the internal data memory that is shown in Table 14 and
read only data memory in the related registers.
Read operation for the internal data memory is allowed in normal operation mode also. In this case also, use
the method described above.
(Note)
When internal data memory is read in normal operation mode, maintain the address that was set for 250
sec or
more since read operation is performed synchronized with a SYNC signal (8 kHz).
Figure 54 Internal Data Memory Read Method
XDMRD = 1
YES
NO
XDMRD = 0
Setting and reading externally
Read CR8 (Internal memory high-order data)
CR7 (Internal memory low-order address)
CR6 (Internal memory high-order address)
Time from setting of XDMRD to “1”
to clearing it to “0”:
Initial mode: 20 µs max.
Normal operation: 250 µs max.
Start read operation
Read CR9 (Internal memory low-order data)
After read data is stored in CR8 and
CR9, the register is cleared to 0
automatically
YES
NO
CR1 = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com