Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 136 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 136 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 214 page
background image
FEDL7204-003-02
ML7204-003
136/214
Table 14 Internal Data Memory/Related Control Registers (3 of 7)
Initial value
Change/read enable mode
Function
name
Internal data memory/related control
register name
Address
Data
Data value
Initial
mode
Inactive
Active
TGEN1 fade control
(TGEN1_FADE_CONT)
02F1h
0000h
Stop



TGEN1 fade-in step value control
(TGEN1_FADE_IN_ST)
02F2h
47CFh
+1 dB



TGEN1 fade-out step value control
(TGEN1_FADE_OUT_ST)
02F3h
390Ah
1 dB



TGEN1 fade-out time control
(TGEN1_FADE_OUT_TIM)
02F4h
002Bh
43 Sync



TGEN1 total gain fade control
(TGEN1_GAIN_TOTAL_FADE_CONT)
0303h
0000h
Stop



TGEN1 total gain fade-in step value control
(TGEN1_GAIN_TOTAL_FADE_IN_ST)
0304h
4C10h
+1.5 dB



TGEN1 total gain fade-out step value control
(TGEN1_GAIN_TOTAL_FADE_OUT_ST)
0305h
35D9h
1.5 dB



Tone
generation 1
TONE
_GEN1
TGEN1 execution flag display register
(TGEN1_EXFLAG)
CR19
-B2
0b
Stop



FSK_GEN control register (FGEN_EN)
CR28
-B6
0b
Stop



FSK output data setting completion flag display
register (FGEN_FLAG)
CR17
-B0
0b
Write
enable



FSK output data setting register (FGEN_D[7:0])
CR27
00h
00h



FSK
generator
FSK
_GEN
FSK gain control (FGEN_GAIN)
0230h
0080h
13.3
dBm0



FSK_DET control register (FDET_EN)
CR28
-B7
0b
Stop



FSK receive data read request notification
register (FDET_RQ)
CR16
-B0
0b
No request



FSK receive framing error notification register
(FDET_FER)
CR16
-B1
0b
No error



FSK receive overrun error notification register
(FDET_OER)
CR16
-B2
0b
No error



FSK receive data storage register
(FDET_D[7:0])
CR25
00h
00h



FSK detection level control (FDET_TH)
02B5h
1000h
39.3
dBm0



FSK
receiver
FSK
_DET
FSK receive mark guard time control
(FSK_MK_GT)
02CAh
00F0h
30 ms






Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com