Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 140 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 140 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 141Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 142Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 143Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 144Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 214 page
background image
FEDL7204-003-02
ML7204-003
140/214
Table 14 Internal Data Memory/Related Control Registers (7 of 7)
Initial value
Change/read enable mode
Function
name
Internal data memory/related control
register name
Address
Data
Data value
Initial
mode
Inactive
Active
Rise mask control
CR16 rising edge interrupt mask control
(CR16_INTP_MSKCNT)
002Fh
00F8h
Mask setting
OFF



CR18 rising edge interrupt mask control
(CR18_INTP_MSKCNT)
0031h
00FEh
Mask setting
OFF



CR19 rising edge interrupt mask control
(CR19_INTP_MSKCNT)
0032h
0060h
Mask setting
OFF



CR20 rising edge interrupt mask control
(CR20_INTP_MSKCNT)
0034h
0020h
Mask setting
OFF



CR21 rising edge interrupt mask control
(CR21_INTP_MSKCNT)
0036h
00F0h
Mask setting
OFF



CR22 rising edge interrupt mask control
(CR22_INTP_MSKCNT)
0038h
00F0h
Mask setting
OFF



Fall mask control
CR17 falling edge interrupt mask control
(CR17_INTN_MSKCNT)
0030h
00FEh
Mask setting
OFF



CR19 falling edge interrupt mask control
(CR19_INTN_MSKCNT)
0033h
0060h
Mask setting
OFF



CR20 falling edge interrupt mask control
(CR20_INTN_MSKCNT)
0035h
0020h
Mask setting
OFF



CR21 falling edge interrupt mask control
(CR21_INTN_MSKCNT)
0037h
00F3h
Mask setting
OFF



Interrupt
mask
control
CR22 falling edge interrupt mask control
(CR22_INTN_MSKCNT)
0039h
00F1h
Mask setting
OFF



Speech
CODEC
decoding
control
Decoding output start offset time control
(DEC_ONTIM)
0108h
0000h
(*1)
0 ms



Internal
RAM write
Multiple-word write starting address setting
(START_ADDRESS)
00E9h
0000h
0000h



(Remarks)
Initial mode:
Indicates the state in which the initial values of the control register and internal data memory can be
changed after power-down reset is released.
Inactive: Indicates the state in which the function indicated by the function name is inactive.
Active:
Indicates the state in which the function indicated by the function name is active.
: Related control register
*1: Though 0000h (0 ms) is set as the initial value, be sure to set an offset time of 0001h (0.125 ms) to
0100h (32 ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com