Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 138 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 138 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 141Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 142Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 214 page
background image
FEDL7204-003-02
ML7204-003
138/214
Table 14 Internal Data Memory/Related Control Registers (5 of 7)
Initial value
Change/read enable mode
Function
name
Internal data memory/related control
register name
Address
Data
Data value
Initial
mode
Inactive
Active
RC0 control (RC0_CR)
00E6h
0000h
Stop



RC0 threshold 1 for loss (RC0_TH1)
11C6h
0090h
–40dBm0



RC0 threshold 2 for loss (RC0_TH2)
11C7h
0051h
–45dBm0



RC0 threshold 3 for loss (RC0_TH3)
11C8h
002Dh
–50dBm0



RC0 threshold 4 for loss (RC0_TH4)
11C9h
000Eh
–60dBm0



RC0 loss value in the case of threshold 1 or
2 for loss
(RC0_LOSS1)
11CBh
005Ah
3dB



RC0 loss value in the case of threshold 2 or
3 for loss
(RC0_LOSS2)
11CCh
0040h
6dB



RC0 loss value in the case of threshold 3 or
4 for loss
(RC0_LOSS3)
11CDh
0020h
12dB



RC0 loss value in the case of threshold 4 or
less for loss
(RC0_LOSS4)
11CEh
0020h
12dB



RC0 plus step value (RC0_PL)
11CFh
47CFh
1dB/SYNC



RC0 minus step value(RC0_MI)
11D0h
3F44h
–0.1dB/SYNC



RC0 input signal level detecting sensitivity 1
(RC0_POW_C1)
11C4h
3E00h
—



RC0
RC0 input signal level detecting sensitivity 2
(RC0_POW_C2)
11C5h
0200h
—



RC1 control (RC1_CR)
00E7h
0000h
Stop



RC1 threshold 1 for loss (RC1_TH1)
11D3h
0090h
–40dBm0



RC1 threshold 2 for loss (RC1_TH2)
11D4h
0051h
–45dBm0



RC1 threshold 3 for loss (RC1_TH3)
11D5h
002Dh
–50dBm0



RC1 threshold 4 for loss (RC1_TH4)
11D6h
000Eh
–60dBm0



RC1 loss value in the case of threshold 1 or
2 for loss
(RC1_LOSS1)
11D8h
005Ah
3dB



RC1 loss value in the case of threshold 2 or
3 for loss
(RC1_LOSS2)
11D9h
0040h
6dB



RC1 loss value in the case of threshold 3 or
4 for loss
(RC1_LOSS3)
11DAh
0020h
12dB



RC1 loss value in the case of threshold 4 or
less for loss
(RC1_LOSS4)
11DBh
0020h
12dB



RC1 plus step value (RC1_PL)
11DCh
47CFh
1dB/SYNC



RC1 minus step value(RC1_MI)
11DDh
3F44h
–0.1dB/SYNC



RC1 input signal level detecting sensitivity 1
(RC1_POW_C1)
11D1h
3E00h
—



RC1
RC input signal level detecting sensitivity 2
(RC1_POW_C2)
11D2h
0200h
—






Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com