Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 137 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 137 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 141Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 214 page
background image
FEDL7204-003-02
ML7204-003
137/214
Table 14 Internal Data Memory/Related Control Registers (4 of 7)
Initial value
Change/read enable mode
Function
name
Internal data memory/related control
register name
Address
Data
Data value
Initial
mode
Inactive
Active
TONE0 detector control register
(TDET0_EN)
CR28-B3
0b
Stop



TONE0 detector detection status register
(TONE0_DET)
CR19-B3
0b
Non-detection



TDET0 main signal detection level control
(TDET0_S_TH)
134Ch
1EBBh
5.3 dBm0



TDET0 noise detection level control
(TDET0_N_TH)
1361h
1EBBh
5.3 dBm0



TDET0 detection ON guard timer control
(TDET0_ON_TM)
1362h
0028h
5 ms



TDET0 detection OFF guard timer control
(TDET0_OFF_TM)
1363h
0028h
5 ms



TONE0
detector
TONE
_DET0
TDET0 detection frequency
(TDET0_FREQ)
- - - - h
—
1650Hz



TONE1 detector control register
(TDET1_EN)
CR28-B4
0b
Stop



TONE1 detector detection status register
(TONE1_DET)
CR19-B4
0b
Non-detection



TDET1 main signal detection level control
(TDET1_S_TH)
1378h
1EBBh
5.3 dBm0



TDET1 noise detection level control
(TDET1_N_TH)
138Dh
1EBBh
5.3 dBm0



TDET1 detection ON guard timer control
(TDET1_ON_TM)
138Eh
0028h
5 ms



TDET1 detection OFF guard timer control
(TDET1_OFF_TM)
138Fh
0028h
5 ms



TONE1
detector
TONE
_DET1
TDET1 detection frequency
(TDET1_FREQ)
- - - - h
—
2100Hz



DTMF detector control register (DTMF_EN)
CR28-B2
0b
Stop



DTMF code display register
(DTMF_CODE[3:0])
CR20-
B[3:0]
0000b
0000b



DTMF detector detection status register
(DTMF_DET)
CR20-B4
0b
Non-detection



DTMF detection level control (DTMF_TH)
018Dh
1000h
37.0 dBm0



DTMF detection ON guard timer
(DTMF_ON_TM)
01F2h
00A0h
20 ms



DTMF detection OFF guard timer
(DTMF_OFF_TM)
01F4h
00A0h
20 ms



DTMF
detector
DTMF
_REC
DTMF noise detection function control
(DTMF_NDET_CONT)
01F5h
0002h
Noise
detection
enabled



Echo canceler control register (EC_EN)
CR28-B1
0b
Stop



Echo canceler control (EC_CR)
002Ch
0012h
HD ATT OFF



Echo
canceler
GLPAD control (GLPAD_CR)
002Dh
000Fh
+6/
6 dB






Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com