Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 134 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 134 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 214 page
background image
FEDL7204-003-02
ML7204-003
134/214
Table 14 Internal Data Memory/Related Control Registers (1 of 7)
Initial value
Change/read enable mode
Function
name
Internal data memory/related control
register name
Address
Data
Data value
Initial
mode
Inactive
Active
Transmit path related
Speech CODEC transmit gain
(TXGAIN_SC)
05E7h
0080h
0 dB



CODECA transmit gain (TXGAINA)
05E3h
0080h
0 dB



CODECB transmit gain (TXGAINB)
05E4h
0080h
0 dB



Receive path related
Speech CODEC receive gain
(RXGAIN_SC)
05E8h
0080h
0 dB



CODECA receive gain (RXGAINA)
05E5h
0080h
0 dB



CODECB receive gain (RXGAINB)
05E6h
0080h
0 dB



Side tone related
CODECA side tone gain (STGAINA)
05DFh
0000h
MUTE



CODECB side tone gain (STGAINB)
05E0h
0000h
MUTE



PCM related
PCM transmit gain0 (TXGAIN_PCM0)
05EAh
0080h
0 dB



PCM transmit gain1 (TXGAIN_PCM1)
05E9h
0080h
0 dB



PCM transmit gain2 (TXGAIN_PCM2)
05F1h
0080h
0 dB



PCM receive gain0 (RXGAIN_PCM0)
05EBh
0080h
0 dB



PCM receive gain1 (RXGAIN_PCM1)
05ECh
0080h
0 dB



PCM receive gain2 (RXGAIN_PCM2)
05F2h
0080h
0 dB



PCM input time slot selection 1 receive gain
(RXGAIN_ITS1)
05EDh
0080h
0 dB



PCM input time slot selection 2 receive gain
(RXGAIN_ITS2)
05EEh
0080h
0 dB



Three-way communication related
CH1 receive gain (RXGAIN_CH1)
0132h
0080h
0 dB



CH2 receive gain (RXGAIN_CH2)
0131h
0080h
0 dB



CH1 transmit gain (TXGAIN_CH1)
0134h
0080h
0 dB



CH2 transmit gain (TXGAIN_CH2)
0133h
0080h
0 dB



CH2 receive
CH1 transmit loop back gain
(RX2TX1_GAIN)
0136h
0080h
0 dB



CH1 receive
CH2 transmit loop back gain
(RX1TX2_GAIN)
0135h
0080h
0 dB



Fade control related
Gain fade control 0
(GAIN_FADE_CONT0)
05F3h
0000h
Stop



Gain fade control 1
(GAIN_FADE_CONT1)
0137h
0040h
Stop



Gain fade control 2
(GAIN_FADE_CONT2)
05F4h
0000h
Stop



Gain fade-in step value control
(GAIN_FADE_IN_ST)
05F5h
4C10h
+1.5 dB

(*1)

Gain
control
Gain fade-out step value control
(GAIN_FADE_OUT_ST)
05F6h
35D9h
1.5 dB

(*1)

(*1) Applies when the gain fade control is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com