Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 131 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 131 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 127Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 214 page
background image
FEDL7204-003-02
ML7204-003
131/214
Write Method (Multiple Words)
When data is written to consecutive address spaces in the internal data memory, multiple-word (2N words)
continuous write operation is allowed.
1) Setting a starting address
Use the write method (single-word) in Figure 52 for setting a starting address.
Set address 00E9h in CR6-CR7. This address is for setting the starting address for writing multiple words.
Also set in CR8-CR9 the starting address (START_ADDRESS) of the internal data memory to which
multiple words are to be written.
By setting the internal data memory single-word write control register (XDMWR) to “1”, the
START_ADDRESS is written in address 00E9h in the internal data memory. After termination of write
operation, XDMWR is automatically cleared to “0”.
2) Writing data
After termination of START_ADDRESS write operation, data can be written consecutively in 2-word units
without setting the addresses individually using the following procedure.
Set in CR6-CR7 first word of the data to be written and 2nd word in CR8-CR9 and set the internal data
memory 2-word write control register (XDMWR_2) to “1”. By doing this, the first word is written in
START_ADDRESS+0 and the second word is written in START_ADDRESS+1. After termination of
write operation, XMWR_2 is automatically cleared to “0”.
Subsequently, repeat 2-word data write operation using the data write procedure that is described in 2) until
completion of write operation for 2N words. (The write destination addresses are updated automatically.)
Figure 53 shows the internal data memory write method (multiple words).
Write operation to the internal data memory is allowed in normal operation mode also. In this case also, use
the method described above.
(Note)
When the internal data memory is changed during normal operation mode, retain the changed data for 250
s
or more since read operation is performed synchronized with a SYNC signal (8 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com