Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 132 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 132 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 214 page
background image
FEDL7204-003-02
ML7204-003
132/214
Figure 53 Internal Data Memory Write Method (Multiple Words)
CR8 (Internal memory high-order data)
CR9 (Internal memory low-order data)
CR7 (Internal memory low-order address)
CR6 (Internal memory high-order address)
XDMWR = 1
Update the internal memory
XDMWR is cleared automatically
YES
NO
CR1 = 00h
Set the internal data memory address for setting a
starting address
Set a starting
address(START_ADDRESS)
Set externally
LSI internal automatic processing
CR8 (Internal memory high-order data)
CR9 (Internal memory low-order data)
CR7 (Internal memory low-order data)
CR6 (Internal memory high-order data)
XDMWR_2 = 1
Update the internal memory
XDMWR_2 is cleared automatically
Set the data of (2n-1)th word
Write- destination address:
START_ADDRESS + (2n-2)
Set the data of the 2nd word
Write- destination address:
START_ADDRESS + (2n-1)
Time from setting XDMWR to “1” to clearing it to “0”:
Initial mode: 20 µs max.
Normal operation: 250 µs max.
Time from setting XDMWR_2 to “1” to clearing it to “0”:
Initial mode: 20 µs max.
Normal operation: 250 µs max.
Set a starting address
(Write single-word)
2-word data write operation
YES
CR1 = 00h
NO
YES
Has write operation of 2N
words been completed?
NO
Start multiple-word (2N words) write operation
Termination of multiple word (2N words) write operation
[n=1, 2, -, N]
[n=1, 2,- ,N]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com