Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9694 Datasheet HTML 37Page - Analog Devices AD9694 Datasheet HTML 38Page - Analog Devices AD9694 Datasheet HTML 39Page - Analog Devices AD9694 Datasheet HTML 40Page - Analog Devices AD9694 Datasheet HTML 41Page - Analog Devices AD9694 Datasheet HTML 42Page - Analog Devices AD9694 Datasheet HTML 43Page - Analog Devices AD9694 Datasheet HTML 44Page - Analog Devices AD9694 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 41 of 101
FIR FILTERS
OVERVIEW
Four sets of decimate by 2, low-pass, half-band, finite impulse
response (FIR) filters (labeled HB1 FIR, HB2 FIR, HB3 FIR,
and HB4 FIR in Figure 72) follow the frequency translation
stage. After the carrier of interest is tuned down to dc (carrier
frequency = 0 Hz), these filters efficiently lower the sample rate,
while providing sufficient alias rejection from unwanted
adjacent carriers around the bandwidth of interest.
HB1 FIR is always enabled and cannot be bypassed. The HB2,
HB3, and HB4 FIR filters are optional and can be bypassed for
higher output sample rates.
Table 18 shows the different bandwidths selectable by including
different half-band filters. In all cases, the DDC filtering stage
on the AD9694 provides <−0.001 dB of pass-band ripple and
>100 dB of stop band alias rejection.
Table 19 shows the amount of stop band alias rejection for
multiple pass-band ripple/cutoff points. The decimation ratio of
the filtering stage of each DDC can be controlled individually
through Bits[1:0] of the DDC control registers (Register 0x0310
and Register 0x0330) in conjunction with the pair index register
(Register 0x0009).
Table 18. DDC Filter Characteristics
Half-Band
Filter
Selection
Real Output
Complex (I/Q) Output
Alias
Protected
Bandwidth
(MHz)
Ideal SNR
Improvement1
(dB)
Pass-
Band
Ripple
(dB)
Alias
Rejection
(dB)
Decimation
Ratio
Output
Sample
Rate
(MSPS)
Decimation
Ratio
Output Sample
Rate (MSPS)
HB1
1
500
2
250 (I) + 250 (Q)
200
1
<−0.0001
>100
HB1 + HB2
2
250
4
125 (I) + 125 (Q)
100
4
HB1 + HB2 +
HB3
4
125
8
62.5 (I) + 62.5 (Q)
50
7
HB1 + HB2 +
HB3 + HB4
8
62.5
16
31.25 (I) + 31.25 (Q)
25
10
1
Ideal SNR improvement due to oversampling and filtering = 10log(bandwidth/(fS/2)).
Table 19. DDC Filter Alias Rejection
Alias Rejection
(dB)
Pass-Band Ripple/Cutoff
Point (dB)
Alias Protected Bandwidth for Real
(I) Outputs1
Alias Protected Bandwidth for Complex
(I/Q) Outputs
>100
<−0.0001
<40% × fOUT
<80% × fOUT
95
<−0.0002
<40.12% × fOUT
<80.12% × fOUT
90
<−0.0003
<40.23% × fOUT
<80.46% × fOUT
85
<−0.0005
<40.36% × fOUT
<80.72% × fOUT
80
<−0.0009
<40.53% × fOUT
<81.06% × fOUT
25.07
−0.5
45.17% × fOUT
90.34% × fOUT
19.3
−1.0
46.2% × fOUT
92.4% × fOUT
10.7
−3.0
48.29% × fOUT
96.58% × fOUT
1
fOUT = ADC input sample rate ÷ DDC decimation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com