Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9694 Datasheet HTML 14Page - Analog Devices AD9694 Datasheet HTML 15Page - Analog Devices AD9694 Datasheet HTML 16Page - Analog Devices AD9694 Datasheet HTML 17Page - Analog Devices AD9694 Datasheet HTML 18Page - Analog Devices AD9694 Datasheet HTML 19Page - Analog Devices AD9694 Datasheet HTML 20Page - Analog Devices AD9694 Datasheet HTML 21Page - Analog Devices AD9694 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 18 of 101
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 71.80dB
SFDR = 98.27dBFS
–31.25
–21.25
–11.25
–1.25
8.75
18.75
28.75
Figure 30. DDC Mode (4 DDCs; Decimate by 8; L = 1, M = 4, and F = 8)
with fIN = 305 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 74.50dB
SFDR = 100.68dBFS
–15.625
–10.625
–5.625
–0.625
4.375
9.375
14.375
Figure 31. DDC Mode (4 DDCs, Decimate by 16, L = 1, M = 4, and F = 8)
with fIN = 305 MHz
65.5
65.6
65.7
65.8
65.9
66.0
66.1
66.2
66.3
66.4
66.5
66.6
66.7
66.8
66.9
67.0
DIFFERENTIAL VOLTAGE (V)
Figure 32. SNR vs. Differential Voltage (Clock Amplitude), fIN = 155.3 MHz
–95
–94
–93
–92
–91
–90
–89
–88
–87
–86
–85
–84
–83
–82
–81
–80
–79
–78
–77
–76
–75
ANALOG INPUT FREQUENCY (MHz)
BUFFER CURRENT = 160µA
BUFFER CURRENT = 200µA
BUFFER CURRENT = 240µA
BUFFER CURRENT = 280µA
Figure 33. SFDR vs. Analog Input Frequency with Different Buffer Current
Settings (First and Second Nyquist Zones)
–85
–84
–83
–82
–81
–80
–79
–78
–77
–76
–75
–74
–73
–72
–71
–70
–69
–68
–67
–66
–65
ANALOG INPUT FREQUENCY (MHz)
BUFFER CURRENT = 200µA
BUFFER CURRENT = 240µA
BUFFER CURRENT = 280µA
BUFFER CURRENT = 320µA
Figure 34. SFDR vs. Analog Input Frequency with Different Buffer Current
Settings (Third Nyquist Zone)
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–58
–56
–54
–52
–50
–48
–46
–44
–42
–40
ANALOG INPUT FREQUENCY (MHz)
BUFFER CURRENT = 320µA
BUFFER CURRENT = 360µA
BUFFER CURRENT = 400µA
BUFFER CURRENT = 440µA
Figure 35. SFDR vs. Analog Input Frequency with Different Buffer Current
Settings (Fourth Nyquist Zone)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com