Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 83 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9694 Datasheet HTML 79Page - Analog Devices AD9694 Datasheet HTML 80Page - Analog Devices AD9694 Datasheet HTML 81Page - Analog Devices AD9694 Datasheet HTML 82Page - Analog Devices AD9694 Datasheet HTML 83Page - Analog Devices AD9694 Datasheet HTML 84Page - Analog Devices AD9694 Datasheet HTML 85Page - Analog Devices AD9694 Datasheet HTML 86Page - Analog Devices AD9694 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 83 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
0x024C
Channel map
fast detect
dwell time
MSB
[7:0]
Fast detect dwell time,
Bits[15:8]
LSBs of fast detect dwell time counter target.
This is a load value for a 16-bit counter that
determines how long the ADC data must
remain below the lower threshold before the
FDDx pins are reset to 0.
0x0
R/W
0x026F
Pair map
signal
monitor sync
control
[7:2]
Reserved
Reserved.
0x0
R
1
Reserved
Reserved.
0x0
R/W
0
Signal monitor
synchronization mode
0x0
R/W
0
Synchronization disabled.
1
Only the next valid edge of the SYSREF± pin is
used to synchronize the signal monitor block.
Subsequent edges of the SYSREF± pin are
ignored. When the next SYSREF± is received,
this bit is cleared. Note that the SYSREF± input
pin must be enabled to synchronize the signal
monitor blocks.
0x0270
Channel map
signal
monitor
control
[7:2]
Reserved
Reserved.
0x0
R
1
Peak detector
0x0
R/W
0
Peak detector disabled.
1
Peak detector enabled.
0
Reserved
Reserved.
0x0
R
0x0271
Channel Map
Signal
Monitor
Period 0
[7:0]
Signal monitor period,
Bits[7:0]
This 24-bit value sets the number of output
clock cycles over which the signal monitor
performs its operation. Bit 0 is ignored.
0x80
R/W
0x0272
Channel Map
Signal
Monitor
Period 1
[7:0]
Signal monitor period,
Bits[15:8]
This 24-bit value sets the number of output
clock cycles over which the signal monitor
performs its operation. Bit 0 is ignored.
0x0
R/W
0x0273
Channel Map
Signal
Monitor
Period 2
[7:0]
Signal monitor period,
Bits[23:16]
This 24-bit value sets the number of output
clock cycles over which the signal monitor
performs its operation. Bit 0 is ignored.
0x0
R/W
0x0274
Channel map
signal
monitor
status control
[7:5]
Reserved
Reserved.
0x0
R
4
Result update
0x0
R/W
1
Status update based on Bits[2:0] (self clearing).
3
Reserved
Reserved.
0x0
R
[2:0]
Result selection
0x1
R/W
001
Peak detector placed on status readback
signals.
0x0275
Channel Map
Signal
Monitor
Status 0
[7:0]
Signal monitor result,
Bits[7:0]
Signal monitor status result. This 20-bit value
contains the status result calculated by the
signal monitor block. The content is
dependent on the Register 0x0274, Bits[2:0] bit
settings.
0x0
R
0x0276
Channel Map
Signal
Monitor
Status 1
[7:0]
Signal monitor result,
Bits[15:8]
Signal monitor status result. This 20-bit value
contains the status result calculated by the
signal monitor block. The content is
dependent on the Register 0x0274, Bits[2:0] bit
settings.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com