Electronic Components Datasheet Search
  English  ▼

X  

AD9694 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9694 Datasheet HTML 20Page - Analog Devices AD9694 Datasheet HTML 21Page - Analog Devices AD9694 Datasheet HTML 22Page - Analog Devices AD9694 Datasheet HTML 23Page - Analog Devices AD9694 Datasheet HTML 24Page - Analog Devices AD9694 Datasheet HTML 25Page - Analog Devices AD9694 Datasheet HTML 26Page - Analog Devices AD9694 Datasheet HTML 27Page - Analog Devices AD9694 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 24 of 101
Input Common Mode
The analog inputs of the AD9694 are internally biased to the
common mode as shown in Figure 57.
For dc-coupled applications, the recommended operation procedure
is to export the common-mode voltage to the VCM_CD/VREF
pin using the SPI writes listed in this section. The common-mode
voltage must be set by the exported value to ensure proper ADC
operation. Disconnect the internal common-mode buffer from
the analog input using Register 0x1908.
When performing SPI writes for dc coupling operation, use the
following register settings in order:
1. Set Register 0x1908, Bit 2 to 1 to disconnect the internal
common-mode buffer from the analog input.
2. Set Register 0x18A6 to 0x00 to turn off the voltage
reference.
3. Set Register 0x18E6 to 0x00 to turn off the temperature
diode export.
4. Set Register 0x18E0 to 0x04.
5. Set Register 0x18E1 to 0x1C.
6. Set Register 0x18E2 to 0x14.
7. Set Register 0x18E3, Bit 6 to 0x01 to turn on the VCM export.
8. Set Register 0x18E3, Bits[5:0] to the buffer current setting
(copy the buffer current setting from Register 0x1A4C and
Register 0x1A4D to improve the accuracy of the common-
mode export).
Analog Input Controls and SFDR Optimization
The AD9694 offers flexible controls for the analog inputs, such
as buffer current and input full-scale adjustment. All of the
available controls are shown in Figure 57.
AIN
CONTROL
(SPI)
10pF
VIN+x
100Ω
VIN–x
AVDD3
AVDD3
VCM
BUFFER
400Ω
100Ω
AVDD3
AVDD3
3.5pF
AVDD3
3.5pF
Figure 57. Analog Input Controls
Using Register 0x1A4C and Register 0x1A4D, , the buffer currents
on each channel can be scaled to optimize the SFDR over various
input frequencies and bandwidths of interest. As the input
buffer currents are set, the amount of current required by the
AVDD3 supply changes. This relationship is shown in Figure 58.
For a complete list of buffer current settings, see Table 38.
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
100
150
200
250
300
350
400
450
500
550
600
BUFFER CURRENT SETTING (µA)
Figure 58. AVDD3 Power vs. Buffer Current Setting
In certain high frequency applications, the SFDR can be
improved by reducing the full-scale setting.
Table 11 shows the recommended buffer current settings for the
different analog input frequency ranges.
Table 11. SFDR Optimization for Input Frequencies
Nyquist Zone
Input Buffer Current Control
Setting, Register 0x1A4C and
Register 0x1A4D
First, Second, and Third
Nyquist
240 (Register 0x1A4C, Bits[5:0] =
Register 0x1A4D, Bits[5:0] = 01100)
Fourth Nyquist
400 (Register 0x1A4C, Bits[5:0] =
Register 0x1A4D, Bits[5:0] = 10100)
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD9694 is 4.3 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD9694. This internal 0.5 V reference is used to set the full-
scale input range of the ADC. The full-scale input range can be
adjusted via the ADC function register (Register 0x1910). For
more information on adjusting the input swing, see Table 38.
Figure 59 shows the block diagram of the internal 0.5 V
reference controls.
ADC
CORE
FULL-SCALE
VOLTAGE
ADJUST
VREF PIN
CONTROL SPI
REGISTER
(0x18A6)
VREF
VIN–A/
VIN–B
VIN+A/
VIN+B
INTERNAL
VREF
GENERATOR
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(0x1910)
Figure 59. Internal Reference Configuration and Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com